Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet (PDF) - Leadtrend Technology

LD7577 Datasheet PDF - Leadtrend Technology
Part # LD7577
Download  LD7577 Download
File Size   370.95 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with Brown-Out Protection

LD7577 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7577 Datasheet PDF - Leadtrend Technology

Part # LD7577
Download  LD7577 Click to download

File Size   370.95 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with Brown-Out Protection

LD7577 Datasheet (HTML) - Leadtrend Technology


LD7577 Product details

General Description
The LD7577 integrates several functions of protections, and
EMI-improved solution in SOP-8 package. It minimizes the
component counts and the circuit space.
The device provides functions of low startup current,
green-mode power-saving operation, leading-edge blanking
of the current sensing and internal slope compensation.
Also, it features more protections like OLP (Over Load
Protection), OVP (Over Voltage Protection), and brownout
protection to prevent the circuit from being damaged under
abnormal conditions.

Features
High-Voltage (500V) Startup Circuit
Current Mode Control
Non-Audible-Noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
AC Input OVP (Over Voltage Protection)
OLP (Over Load Protection)
Precision Brownout Protection
500mA Driving Capability

Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
LCD Monitor/TV Power




Similar Part No. - LD7577

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
LD7575GS LEADTREND-LD7575GS Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
List of Unclassifed Man...
LD7575PN ETC2-LD7575PN Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Leadtrend Technology
LD7575PN LEADTREND-LD7575PN Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
More results


Similar Description - LD7577

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
logo
Excelliance MOS Corp.
EM8557A EXCELLIANCE-EM8557A Datasheet
315Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8559A EXCELLIANCE-EM8559A Datasheet
301Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8563A EXCELLIANCE-EM8563A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8564A EXCELLIANCE-EM8564A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8569 EXCELLIANCE-EM8569 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8569A EXCELLIANCE-EM8569A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8635 EXCELLIANCE-EM8635 Datasheet
291Kb / 13P
Green mode PWM Flyback Controller with Brown-Out Protection
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com