Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7577 Datasheet HTML 1Page - Leadtrend Technology LD7577 Datasheet HTML 2Page - Leadtrend Technology LD7577 Datasheet HTML 3Page - Leadtrend Technology LD7577 Datasheet HTML 4Page - Leadtrend Technology LD7577 Datasheet HTML 5Page - Leadtrend Technology LD7577 Datasheet HTML 6Page - Leadtrend Technology LD7577 Datasheet HTML 7Page - Leadtrend Technology LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD7577
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Pin Configuration
YY:
Year code
WW:
Week code
PP:
Production code
SOP-8 & DIP-8 (TOP VIEW)
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
Ordering Information
Part number
Package
Top Mark
Shipping
LD7577 GS
SOP-8
Green package
LD7577GS
2500 /tape & reel
LD7577 GN
DIP-8
Green package
LD7577GN
3600 /tube /Carton
The LD7577 is ROHS compliant.
Pin Descriptions
PIN
NAME
FUNCTION
1
BNO
Brownout Protection Pin. Connect a resistor divider between this pin and bulk
capacitor voltage to set the brownout level. If the voltage is less than threshold
voltage, the PWM output will be disabled. As soon as the voltage is over 4.0V, the
OVP will be tripped and the gate drive will be turned off.
2
COMP
Voltage feedback pin. By connecting a photo-coupler to close the control loop, it can
achieve the regulation.
3
CS
Current sense pin. Connect it to sense the MOSFET current.
4
GND
Ground.
5
OUT
Gate drive output to drive the external MOSFET.
6
VCC
Supply voltage pin.
7
NC
Unconnected Pin.
8
HV
Connect this pin to positive terminal of bulk capacitor to provide the startup current
for the controller. When VCC voltage trips UVLO(on), this HV loop will be turned off
to save the power loss of the startup circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com