Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7577 Datasheet HTML 1Page - Leadtrend Technology LD7577 Datasheet HTML 2Page - Leadtrend Technology LD7577 Datasheet HTML 3Page - Leadtrend Technology LD7577 Datasheet HTML 4Page - Leadtrend Technology LD7577 Datasheet HTML 5Page - Leadtrend Technology LD7577 Datasheet HTML 6Page - Leadtrend Technology LD7577 Datasheet HTML 7Page - Leadtrend Technology LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LD7577
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Block Diagram
COMP
CS
OUT
internal bias
& Vref
GND
PWM
Comparator
Green
Mode
Control
Leading
Edge
Blanking
2R
R
R
SQ
Vref OK
PG
+
+
Slope
Compensation
28.0V
VCC
0.85V
30 mS
Delay
5.0V
OCP
Comparator
OLP
Comparator
Protection
OVP
UVLO
Comparator
OVP
Comparator
VCC OK
Vbias
32V
All
Blocks
65 KHz
OSC
BNO
1. 05V/0. 95V
Brownout Comparator
PDR
8.0V
OLP
OVP
BNOUT
R
SQ
Protection
PG
PG
1/ 2
Counter
R
S
Q
OLP
1mA
HV
PDR
4.0V/3.8V
Line OVP
Line OVP Comparator
16.0V/
10.0V
Driver
Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com