Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 6Page - Leadtrend Technology LD7577 Datasheet HTML 7Page - Leadtrend Technology LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology LD7577 Datasheet HTML 12Page - Leadtrend Technology LD7577 Datasheet HTML 13Page - Leadtrend Technology LD7577 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD7577
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
Fig. 14
Current Sensing, Leading-edge Blanking and
the Negative Spike on CS Pin
The typical current mode PWM controller feeds back both
current signal and voltage signal to close the control loop
and to achieve voltage regulation. LD7577 detects the
primary MOSFET current from the CS pin, which is applied
not only for the peak current mode control but also for the
pulse-by-pulse
current
limit.
The
maximum
voltage
threshold of the current sensing pin is set as 0.85V. Thus
the MOSFET peak current can be calculated as:
S
)
MAX
(
PEAK
R
V
85
.
0
I
=
A 250nS leading-edge blanking (LEB) time is incorporated
in the input of CS pin to prevent the false-trigger caused by
any current spike. For low power applications, if the total
pulse width of each turn-on spike is less than 250nS and the
negative spike on the CS pin is not as low as -0.3V, the R-C
filter (as shown in Fig.15) can be eliminated.
Nevertheless,
it is strongly recommended to remain a small R-C filter (as
shown in Fig. 16) for higher power applications to avoid the
CS pin being damaged by negative turn-on spikes.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 500mA
driving capability, is incorporated to drive a power MOSFET
directly.
And the maximum duty-cycle of the LD7577 is
limited to 75% in order to avoid the transformer flux
saturation.
Voltage Feedback Loop
The voltage feedback signal is issued from the TL431 in the
secondary side through the photo-coupler to COMP pin of
the LD7577.
The input stage of the LD7577, like the
UC384X, is incorporated with 2 diodes voltage offset circuit
and a voltage divider with 1/3 ratio.
Therefore,
)
V
2
V
(
3
1
)
V
F
COMP
PWM
(
COMPARATOR
−
×
=
+
A pull-high resistor is embedded internally, eliminating
external corresponding components on a board.
CS
VCC
GND
LD7577
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
250ns
blanking
time
Fig. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com