Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology LD7577 Datasheet HTML 12Page - Leadtrend Technology LD7577 Datasheet HTML 13Page - Leadtrend Technology LD7577 Datasheet HTML 14Page - Leadtrend Technology LD7577 Datasheet HTML 15Page - Leadtrend Technology LD7577 Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LD7577
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Fig. 17
OVP (Over Voltage Protection) on Vcc
The VGS ratings of the nowadays power MOSFETs are
mostly with 30V maximum. To prevent the VGS from fault
condition, the LD7577 is implemented with over-voltage
protection on Vcc.
As long as the Vcc voltage is higher
than OVP threshold voltage, the output gate drive circuit will
be shut down, thus to stop the switching of the power
MOSFET until the next UVLO(ON).
The Vcc OVP function in the LD7577 is an auto-recovery
type protection.
If the OVP condition, usually caused by
the feedback loop opened, is not released, the Vcc will trip
to the OVP level again, re-shutting down the output.
The
Vcc waveform in Fig. 18 shows this auto-recovery type
protection, presenting a hiccup mode.
On the other hand, the removal of the OVP condition should
render the Vcc level back to normal level, causing the output
automatically returning to the normal operation.
Fig. 18
Brownout Protection & Line voltage OVP
(Over voltage protection)
The LD7577 is programmable to set the brownout protection
point and the line voltage OVP point though BNO pin.
The voltage across the BNO pin is proportional to the bulk
capacitor voltage, referred as the line voltage.
A brownout
comparator is implemented to detect the abnormal line
condition. As soon as the condition is detected, it will shut
down the controller to prevent the damage.
Figure 19
shows the operation.
When VBNO falls below 0.95V, the
gate output will be kept off even Vcc has already achieved
UVLO(ON). It therefore makes Vcc hiccup between UVLO(ON)
and UVLO(OFF). Unless the line voltage is large enough to
pull VBNO larger than 1.05V, the gate output will not start
switching even when the next UVLO(ON) is tripped. A
hysteresis is implemented to prevent the false trigger during
turn-on and turn-off.
The comparator built in BNO will disable switching from
Gate-out as soon as it detects excessive high line voltage
and BNO voltage over 4.0V. VCC will then operate in hiccup
mode between UVLO-on and UVLO-off. The Gate-out will
not resume switching until VBNO falls below 3.8V.
Therefore, it can prevent excessive high line voltage from
damaging the external components. Fig. 20 shows the
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com