Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 9Page - Leadtrend Technology LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology LD7577 Datasheet HTML 12Page - Leadtrend Technology LD7577 Datasheet HTML 13Page - Leadtrend Technology LD7577 Datasheet HTML 14Page - Leadtrend Technology LD7577 Datasheet HTML 15Page - Leadtrend Technology LD7577 Datasheet HTML 16Page - Leadtrend Technology LD7577 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LD7577
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Fig. 19
4.00V
3.80V
1.05V
Switching
Non- Switching
Switching
UVLO
- ON
UVLO- OFF
V BNO
Line
Voltage
Vcc
OUT
t
t
t
t
AC OK area
AC OK area
Fig.20
In order to protect BNO pin from being damaged during the
dividing resistors floating, an internal zener diode is
implemented in BNO pin. Fig. 19 shows the sinking
capability of the zener diode. To protect BNO pin, the
current flowing in BNO pin must be below 1.5
μA, as shown
in Fig. 21.
VBNO
Fig. 21
VBNO vs. IBNO
0
1
2
3
4
5
6
3. 0
3.5
4. 0
4. 5
5.0
5.5
6
125
°C
25
°C
-40
°C
Pull-Low Resistor on the Gate Pin of MOSFET
An anti-floating resistor is implemented in the OUT pin to
prevent any uncertain output, which may cause MOSFET
working abnormally or false triggering-on.
However, such
design won’t cover the conditions of disconnection of gate
resistor RG. It is still strongly recommended to have a
resistor connected at the MOSFET gate terminal (as shown
in figure 22) to provide extra protection for fault conditions.
This external pull-low resistor is to prevent the MOSFET
from being damaged during power-on when the gate
resistor is disconnected.
In such a single-fault condition,
as shown in figure 23, the resistor R8 can provide a
discharge
path
to
avoid
the
MOSFET
from
being
false-triggered by the coupling through the gate-to-drain
capacitor CGD. Therefore, the gate of MOSFET should be
pulled low to maintain MOSFET in a off-state no matter the
gate resistor is disconnected or opened in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com