Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7577 Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 3Page - Leadtrend Technology LD7577 Datasheet HTML 4Page - Leadtrend Technology LD7577 Datasheet HTML 5Page - Leadtrend Technology LD7577 Datasheet HTML 6Page - Leadtrend Technology LD7577 Datasheet HTML 7Page - Leadtrend Technology LD7577 Datasheet HTML 8Page - Leadtrend Technology LD7577 Datasheet HTML 9Page - Leadtrend Technology LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LD7577
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Typical Performance Characteristics
Temperature (
°C)
Fig. 1 HV Current Source vs. Temperature (HV=500V, Vcc=0V)
0.7
0.9
1.1
1.3
1.5
-40
0
40
80
120 125
Temperature (
°C)
Fig. 2
VCS (off) vs. Temperature
0.85
0.86
0.87
0.88
0.89
0.90
-40
0
40
80
120
125
Fig. 3
UVLO (on) vs. Temperature
Temperature (
°C)
14.0
14.8
15.6
16.4
17.2
18.0
-40
0
40
80
120 125
Temperature (
°C)
Fig. 4
UVLO (off ) vs. Temperature
8
9.6
10.4
12
8.8
-40
0
40
80
120
125
11.2
Fig. 5
TC of Switching Frequency
Temperature (
°C)
57
58
60
62
64
66
68
-40
-20
0
20
40
60
80
100
120
Fig. 6
TC of Green Mode frequency
Temperature (
°C)
17
-40
-20
0
20
40
60
80
100
120
18
19
20
21
22
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com