Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV387DBVT Datasheet PDF - Texas Instruments
Part # TLV387DBVT
Download  TLV387DBVT Download
File Size   1851.84 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps

TLV387DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV387DBVT Datasheet PDF - Texas Instruments

Part # TLV387DBVT
Download  TLV387DBVT Click to download

File Size   1851.84 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps

TLV387DBVT Datasheet (HTML) - Texas Instruments


TLV387DBVT Product details

1 Features
• Ultra-low offset voltage: ±10 μV (maximum)
• Zero drift: ±0.01 μV/°C
• Low-input bias current: 300 pA (maximum)
• Low noise: 8.5 nV/√Hz at 1 kHz
• No 1/f noise: 177 nVPP (0.1 Hz to 10 Hz)
• Common-mode input range ±100 mV beyond
supply rails
• Gain bandwidth: 5.7 MHz
• Quiescent current: 570 μA per amplifier
• Single supply: 1.7 V to 5.5 V
• Dual supply: ±0.85 V to ±2.75 V
• EMI and RFI filtered inputs

2 Applications
• Electronic thermometer
• Weigh scale
• Temperature transmitter
• Ventilators
• Data acquisition (DAQ)
• Semiconductor test
• Lab and field instrumentation
• Merchant network and server PSU
• Analog input module
• Pressure transmitter

3 Description
The TLV387, TLV2387, and TLV4387 (TLVx387)
family of precision amplifiers offers state-of-the-art
performance. With zero-drift technology, the TLVx387
offset voltage and offset drift provide unparalleled
long-term stability. With a mere 570 μA of quiescent
current, the TLVx387 are able to achieve 5.7 MHz
of bandwidth, a broadband noise of 8.5 nV/√Hz,
and a 1/f noise at 177 nVPP. These specifications
are crucial to achieve extremely-high precision and
no degradation of linearity in 16‑bit to 24‑bit analog
to digital converters (ADCs). The TLVx387 feature
flat bias current over temperature; therefore, little to
no calibration is needed in high input impedance
applications over temperature.
All versions are specified over the industrial
temperature range of –40°C to +125°C.




Similar Part No. - TLV387DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV387DBVT TI-TLV387DBVT Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387DBVT TI1-TLV387DBVT Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387DBVT TI1-TLV387DBVT Datasheet
2Mb / 36P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2023
More results


Similar Description - TLV387DBVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
logo
Texas Instruments
OPA2387 TI-OPA2387 Datasheet
1Mb / 20P
OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
OPA2387 TI-OPA2387_V01 Datasheet
2Mb / 26P
OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
OPA387 TI-OPA387 Datasheet
2Mb / 33P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED OCTOBER 2021
OPA387 TI-OPA387_V01 Datasheet
2Mb / 33P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
OPA387 TI-OPA387_V02 Datasheet
3Mb / 37P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
FEBRUARY 2022
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
OPA387 TI-OPA387_V03 Datasheet
3Mb / 40P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED SEPTEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com