Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV387DBVT Datasheet HTML 1Page - Texas Instruments TLV387DBVT Datasheet HTML 2Page - Texas Instruments TLV387DBVT Datasheet HTML 3Page - Texas Instruments TLV387DBVT Datasheet HTML 4Page - Texas Instruments TLV387DBVT Datasheet HTML 5Page - Texas Instruments TLV387DBVT Datasheet HTML 6Page - Texas Instruments TLV387DBVT Datasheet HTML 7Page - Texas Instruments TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Pin Configuration and Functions
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 4-1. TLV387: DBV Package, 5-Pin SOT-23 (Top View)
Table 4-1. Pin Functions: TLV387
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN
3
Input
Inverting input
+IN
4
Input
Noninverting input
OUT
6
Output
Output
V–
5
Power
Negative (lowest) power supply
V+
1
Power
Positive (highest) power supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 4-2. TLV2387: D Package (Preview), 8-Pin SOIC and
DGK Package, 8-Pin VSSOP
(Top View)
Table 4-2. Pin Functions: TLV2387
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC), DGK
(VSSOP)
DSG (WSON)
–IN A
2
2
Input
Inverting input, channel A
–IN B
6
6
Input
Inverting input, channel B
+IN A
3
3
Input
Noninverting input, channel A
+IN B
5
5
Input
Noninverting input, channel B
OUT A
1
1
Output
Output, channel A
OUT B
7
7
Output
Output, channel B
V–
4
4
Power
Negative (lowest) power supply
V+
8
8
Power
Positive (highest) power supply
Thermal Pad
—
Thermal pad
—
Connect thermal pad to V–
www.ti.com
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com