Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV387DBVT Datasheet HTML 4Page - Texas Instruments TLV387DBVT Datasheet HTML 5Page - Texas Instruments TLV387DBVT Datasheet HTML 6Page - Texas Instruments TLV387DBVT Datasheet HTML 7Page - Texas Instruments TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments TLV387DBVT Datasheet HTML 10Page - Texas Instruments TLV387DBVT Datasheet HTML 11Page - Texas Instruments TLV387DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
5.7 Electrical Characteristics (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VS = 1.7 V to 5.5 V, VCM = VS / 2, VOUT = VS / 2, and min and max specification
established from manufacturing final test (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
5.7
MHz
SR
Slew rate
4-V step, G = +1
2.8
V/μs
tS
Settling time
To 0.1%, 1-V step, G = +1
1.5
μs
To 0.01%, 1-V step, G = +1
2.5
Overload recovery time
VIN × G > VS
500
ns
Chopping clock
frequency(1)
100
150
kHz
THD+N
Total harmonic distortion +
noise
VOUT = 1 VRMS, G = +1, f = 1 kHz, RL = 10 kΩ
0.002 %
OUTPUT
Voltage output swing from
rail
no load
1
20
mV
5
30
RL = 2 kΩ
20
75
TA = –40°C to +125°C(1)
30
High linearity output swing
range(1)
AOL > 120 dB
(V–) + 0.075
(V+) – 0.075
V
RL = 2 kΩ
(V–) + 0.150
(V+) – 0.150
ISC
Short-circuit current
VS = 5.5 V
±55
mA
VS = 1.7 V
±15
Phase margin
CL = 100 pF, G = +1
40
degrees
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
570
675
μA
TA = –40°C to 125°C(1)
700
μA
Turn-on time
VS = 5.5 V,
VS ramp rate > 0.3 V/µs, settle to 1%
25
100
μs
(1)
Specification established from device population bench system measurements across multiple lots.
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com