Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV387DBVT Datasheet HTML 5Page - Texas Instruments TLV387DBVT Datasheet HTML 6Page - Texas Instruments TLV387DBVT Datasheet HTML 7Page - Texas Instruments TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments TLV387DBVT Datasheet HTML 10Page - Texas Instruments TLV387DBVT Datasheet HTML 11Page - Texas Instruments TLV387DBVT Datasheet HTML 12Page - Texas Instruments TLV387DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
5.8 Typical Characteristics
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Offset Voltage Drift (PV/qC)
0
10
20
30
40
50
60
-0.02
-0.01
0
0.01
0.02
c103
VS = 5.5 V
Figure 5-1. Offset Voltage Drift Distribution
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-3
-2
-1
0
1
2
3
c108
Figure 5-2. Offset Voltage vs Temperature
Input Common Mode Voltage (V)
-3
-2
-1
0
1
2
3
-3
-2
-1
0
1
2
3
VCM = 2.95 V
VCM = 2.85 V
c111
Figure 5-3. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.5
2
3
4
5
5.5
Vs = 1.7 V
c112
Figure 5-4. Offset Voltage vs Supply Voltage
Frequency (Hz)
-20
30
0
45
20
60
40
75
60
90
80
105
100
120
120
135
140
150
160
165
100m
1
10
100
1k
10k
100k
1M
10M
c114
Gain
Phase
Figure 5-5. Open-Loop Gain and Phase vs Frequency
Temperature(qC)
-75
-50
-25
0
25
50
75
100
125
150
-0.5
-0.25
0
0.25
0.5
C129
VS = r0.85 V
VS = r2.75 V
Figure 5-6. Open-Loop Gain vs Temperature
www.ti.com
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com