Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV387DBVT Datasheet HTML 1Page - Texas Instruments TLV387DBVT Datasheet HTML 2Page - Texas Instruments TLV387DBVT Datasheet HTML 3Page - Texas Instruments TLV387DBVT Datasheet HTML 4Page - Texas Instruments TLV387DBVT Datasheet HTML 5Page - Texas Instruments TLV387DBVT Datasheet HTML 6Page - Texas Instruments TLV387DBVT Datasheet HTML 7Page - Texas Instruments TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
1 Features
• Ultra-low offset voltage: ±10 µV (maximum)
• Zero drift: ±0.01 µV/°C
• Low-input bias current: 300 pA (maximum)
• Low noise: 8.5 nV/√Hz at 1 kHz
• No 1/f noise: 177 nVPP (0.1 Hz to 10 Hz)
• Common-mode input range ±100 mV beyond
supply rails
• Gain bandwidth: 5.7 MHz
• Quiescent current: 570 μA per amplifier
• Single supply: 1.7 V to 5.5 V
• Dual supply: ±0.85 V to ±2.75 V
• EMI and RFI filtered inputs
2 Applications
• Electronic thermometer
• Weigh scale
• Temperature transmitter
• Ventilators
• Data acquisition (DAQ)
• Semiconductor test
• Lab and field instrumentation
• Merchant network and server PSU
• Analog input module
• Pressure transmitter
3 Description
The TLV387, TLV2387, and TLV4387 (TLVx387)
family of precision amplifiers offers state-of-the-art
performance. With zero-drift technology, the TLVx387
offset voltage and offset drift provide unparalleled
long-term stability. With a mere 570 µA of quiescent
current, the TLVx387 are able to achieve 5.7 MHz
of bandwidth, a broadband noise of 8.5 nV/√Hz,
and a 1/f noise at 177 nVPP. These specifications
are crucial to achieve extremely-high precision and
no degradation of linearity in 16
‑bit to 24‑bit analog
to digital converters (ADCs). The TLVx387 feature
flat bias current over temperature; therefore, little to
no calibration is needed in high input impedance
applications over temperature.
All versions are specified over the industrial
temperature range of –40°C to +125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
TLV387
Single
DBV (SOT-23, 5)
TLV2387
Dual
D (SOIC, 8)(2)
DGK (VSSOP, 8)
TLV4387
Quad
PW (TSSOP, 14)
(1)
For more information, see Section 10.
(2)
Preview information (not Production Data).
TLV387
ADC
Radiation
Detector
Object
The TLV387 as a Precision, Low-Noise ADC Driver
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TLV387DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV387DBVT TI-TLV387DBVT Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387DBVT TI1-TLV387DBVT Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387DBVT TI1-TLV387DBVT Datasheet
2Mb / 36P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2023
More results

Similar Description - TLV387DBVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
logo
Texas Instruments
OPA2387 TI-OPA2387 Datasheet
1Mb / 20P
OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
OPA2387 TI-OPA2387_V01 Datasheet
2Mb / 26P
OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
OPA387 TI-OPA387 Datasheet
2Mb / 33P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED OCTOBER 2021
OPA387 TI-OPA387_V01 Datasheet
2Mb / 33P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
OPA387 TI-OPA387_V02 Datasheet
3Mb / 37P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
FEBRUARY 2022
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
OPA387 TI-OPA387_V03 Datasheet
3Mb / 40P
OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED SEPTEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com