Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments TLV387DBVT Datasheet HTML 10Page - Texas Instruments TLV387DBVT Datasheet HTML 11Page - Texas Instruments TLV387DBVT Datasheet HTML 12Page - Texas Instruments TLV387DBVT Datasheet HTML 13Page - Texas Instruments TLV387DBVT Datasheet HTML 14Page - Texas Instruments TLV387DBVT Datasheet HTML 15Page - Texas Instruments TLV387DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Load Capacitance (pF)
0
20
40
60
80
100
1k
C124
RISO = 0 :
RISO = 25 :
RISO = 50 :
G = –1, 10 mV step
Figure 5-19. Small-Signal Overshoot vs Capacitive Load
Load Capacitance (pF)
0
20
40
60
80
100
1k
C127
RISO = 0 :
RISO = 25 :
RISO = 50 :
G = +1, 10 mV step
Figure 5-20. Small-Signal Overshoot vs Capacitive Load
Load Capacitance (pF)
0
15
30
45
60
100
1k
C132
Figure 5-21. Phase Margin vs Capacitive Load
Time (100 µs/div)
C125
VIN
VOUT
Figure 5-22. No Phase Reversal
Time (500 ns/div)
C133
VIN
VOUT
G = –1
Figure 5-23. Overload Recovery
Time (1 µs/div)
C128
VIN
VOUT
G = +1
Figure 5-24. Small-Signal Step Response
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com