Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1640CT Datasheet (PDF) - RFE international

MUR1640CT Datasheet PDF - RFE international
Part # MUR1640CT
Download  MUR1640CT Download
File Size   2534.75 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED

MUR1640CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1640CT Datasheet PDF - RFE international

Part # MUR1640CT
Download  MUR1640CT Click to download

File Size   2534.75 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED

MUR1640CT Datasheet (HTML) - RFE international


MUR1640CT Product details

FEATURES
Adopt FRED chip
Low forward Voltage drop
Fast reverse recovery lime.
High frequency operation
High puriy, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term reliabity




Similar Part No. - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Micro Commercial Compon...
MUR1640CT MCC-MUR1640CT Datasheet
59Kb / 2P
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
logo
ON Semiconductor
MUR1640CT ONSEMI-MUR1640CT Datasheet
108Kb / 8P
SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
October, 2000 ??Rev. 3
logo
Motorola, Inc
MUR1640CT MOTOROLA-MUR1640CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
ON Semiconductor
MUR1640CT ONSEMI-MUR1640CT Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
More results


Similar Description - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR1620CT RFE-MUR1620CT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1620CT 8A x 2 FRED
09-08-2020
MUR1640FCT RFE-MUR1640FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
22-10-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
MUR540F RFE-MUR540F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt
12-11-2020
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
MUR820 RFE-MUR820 Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR820
09-30-2022
MUR860F RFE-MUR860F Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 8A FRED Pt MUR860F
09-29-2022
MURB1660CT RFE-MURB1660CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRED Pt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com