Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBV-048SXXXSVF Datasheet (PDF) - Inventronics Inc.

EBV-048SXXXSVF Datasheet PDF - Inventronics Inc.
Part # EBV-048SXXXSVF
Download  EBV-048SXXXSVF Download
File Size   348.82 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 48W Constant Voltage IP67 Driver

EBV-048SXXXSVF Datasheet (PDF)

Go To PDF Page Download Datasheet
EBV-048SXXXSVF Datasheet PDF - Inventronics Inc.

Part # EBV-048SXXXSVF
Download  EBV-048SXXXSVF Click to download

File Size   348.82 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 48W Constant Voltage IP67 Driver

EBV-048SXXXSVF Datasheet (HTML) - Inventronics Inc.


EBV-048SXXXSVF Product details

Features
Description
The EBV-048SxxxSVF series is a 48W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage, etc. The high efficiency of the driver and compact metal case enable them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 88%)
 Constant Voltage Output
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OCP, OVP, SCP, OTP
 Waterproof (IP67)
 SELV Output
 5 Years Warranty




Similar Part No. - EBV-048SXXXSVF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
EBV-02-D MULTICOMP-EBV-02-D Datasheet
162Kb / 2P
Terminal Block, 5.08 mm Pitch
REV A
EBV-02-D. MULTICOMP-EBV-02-D. Datasheet
162Kb / 2P
Terminal Block, 5.08 mm Pitch
REV A
logo
Inventronics Inc.
EBV-036S024SVF INVENTRONICS-EBV-036S024SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
EBV-036S036SVF INVENTRONICS-EBV-036S036SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
EBV-036S048SVF INVENTRONICS-EBV-036S048SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
More results


Similar Description - EBV-048SXXXSVF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com