Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-026S070STM Datasheet (PDF) - Inventronics Inc.

EUC-026S070STM Datasheet PDF - Inventronics Inc.
Part # EUC-026S070STM
Download  EUC-026S070STM Download
File Size   444.35 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP66 Driver

EUC-026S070STM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-026S070STM Datasheet PDF - Inventronics Inc.

Part # EUC-026S070STM
Download  EUC-026S070STM Click to download

File Size   444.35 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP66 Driver

EUC-026S070STM Datasheet (HTML) - Inventronics Inc.


EUC-026S070STM Product details

Features
 Low THD, 10% Max up to 240 Vac
 Compact Metal Case with Excellent Thermal Performance
 Input Surge Protection: DM 4kV, CM 6kV
 High Reliability & Long Lifetime: 84,000 Hrs. at 70C Case
Temperature
 Suitable for Built-in Use and Class I Luminaires
 Input UVP
 IP66 and UL Dry / Damp Location
 SELV Output
 TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty
Description
The EUC-026SxxxSTM000x series is a 26W, constant-current IP66 LED driver that operates from 90-305 Vac
input with excellent power factor and THD feature. It is created for many lighting applications including low bay,
tunnel and street lights, etc. The high efficiency of these drivers and compact metal case enable them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, input under voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-026S070STM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026S070SVM INVENTRONICS-EUC-026S070SVM Datasheet
473Kb / 9P
26W Constant Current IP67 Driver
Rev. F
EUC-026S070SVM0002 INVENTRONICS-EUC-026S070SVM0002 Datasheet
473Kb / 9P
26W Constant Current IP67 Driver
Rev. F
EUC-026S070SVM0004 INVENTRONICS-EUC-026S070SVM0004 Datasheet
473Kb / 9P
26W Constant Current IP67 Driver
Rev. F
More results


Similar Description - EUC-026S070STM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSVM INVENTRONICS-EUC-026SXXXSVM Datasheet
473Kb / 9P
26W Constant Current IP67 Driver
Rev. F
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EUC-026SXXXDS INVENTRONICS-EUC-026SXXXDS Datasheet
689Kb / 11P
26W Constant Current IP66 Driver
Rev. N
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com