Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-040S035DSP Datasheet (PDF) - Inventronics Inc.

LTC-040S035DSP Datasheet PDF - Inventronics Inc.
Part # LTC-040S035DSP
Download  LTC-040S035DSP Download
File Size   336.16 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP66 Driver

LTC-040S035DSP Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC-040S035DSP Datasheet PDF - Inventronics Inc.

Part # LTC-040S035DSP
Download  LTC-040S035DSP Click to download

File Size   336.16 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP66 Driver

LTC-040S035DSP Datasheet (HTML) - Inventronics Inc.


LTC-040S035DSP Product details

Features
High Efficiency (Up to 89%)
Ultra High Voltage Input
Active Power Factor Correction (Typical 0.95)
All-Around Protection: OVP, SCP and Open Lamp
Protection
0-10V Dimmable
Waterproof (IP66) and UL Dry / Damp Location
Class 2 Output

Description
The LTC-040SxxxDSP(SSP) series operates from a 312 ~ 528 Vac input range. They are designed to be highly efficient and highly reliable. Features include dimming control, over voltage protection, short circuit protection, over load protection, and over temperature protection.




Similar Part No. - LTC-040S035DSP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-2621CB LITEON-LTC-2621CB Datasheet
122Kb / 7P
LED Display
LTC-2621G LITEON-LTC-2621G Datasheet
385Kb / 6P
LED Display
LTC-2621JD LITEON-LTC-2621JD Datasheet
381Kb / 6P
LED Display
LTC-2623G LITEON-LTC-2623G Datasheet
156Kb / 5P
0.28 imch (7.0 mm) DIGIT HEIGHT
LTC-2623JD LITEON-LTC-2623JD Datasheet
380Kb / 6P
LED Display
More results


Similar Description - LTC-040S035DSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
LLC-040SXXXRSP INVENTRONICS-LLC-040SXXXRSP Datasheet
220Kb / 8P
40W Constant Current IP20 Driver
Rev. C
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com