Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-040S222PS Datasheet (PDF) - Inventronics Inc.

EUC-040S222PS Datasheet PDF - Inventronics Inc.
Part # EUC-040S222PS
Download  EUC-040S222PS Download
File Size   188.38 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

EUC-040S222PS Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-040S222PS Datasheet PDF - Inventronics Inc.

Part # EUC-040S222PS
Download  EUC-040S222PS Click to download

File Size   188.38 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

EUC-040S222PS Datasheet (HTML) - Inventronics Inc.


EUC-040S222PS Product details

Features
High Efficiency (Up to 88%)
Active Power Factor Correction (Typical 0.92)
Constant Output Current
Waterproof (IP66)
Dimming Control
All-Around Protection: OVP, SCP,OLP
Comply With UL8750 & EN61347 Safety Regulations
Comply With ANSI/IEEE C62.41, Class A Operation
Comply With FCC Part15 Class B

Description
The EUC-040SxxxDS(PS) Series operates from a 90 ~ 305 Vac input range. They are designed to be highly efficient and highly reliable. Features include dimming control, over voltage protection, short circuit protection and over load protection.




Similar Part No. - EUC-040S222PS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-042S035DS INVENTRONICS-EUC-042S035DS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042S035DTM INVENTRONICS-EUC-042S035DTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042S035DVM INVENTRONICS-EUC-042S035DVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
EUC-042S035PS INVENTRONICS-EUC-042S035PS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042S035STM INVENTRONICS-EUC-042S035STM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results


Similar Description - EUC-040S222PS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LHC-028SXXXRSP INVENTRONICS-LHC-028SXXXRSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LLC-024SXXXRSP INVENTRONICS-LLC-024SXXXRSP Datasheet
205Kb / 6P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDDM INVENTRONICS-LUC-042DXXXDDM Datasheet
360Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDSM INVENTRONICS-LUC-042DXXXDSM Datasheet
962Kb / 8P
Driving the Lighting Revolution
Rev. D
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-072QXXXDDM INVENTRONICS-LUC-072QXXXDDM Datasheet
450Kb / 8P
Driving the Lighting Revolution
Rev. A
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
EUC-035SXXXDT INVENTRONICS-EUC-035SXXXDT Datasheet
246Kb / 8P
Driving the Lighting Revolution
Rev .H
EUC-100SXXXDT INVENTRONICS-EUC-100SXXXDT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-120SXXXDT INVENTRONICS-EUC-120SXXXDT Datasheet
334Kb / 10P
Driving the Lighting Revolution
Rev. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com