Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet (PDF) - Infineon Technologies AG

CYPAS211 Datasheet PDF - Infineon Technologies AG
Part # CYPAS211
Download  CYPAS211 Download
File Size   503.07 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller

CYPAS211 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYPAS211 Datasheet PDF - Infineon Technologies AG

Part # CYPAS211
Download  CYPAS211 Click to download

File Size   503.07 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller

CYPAS211 Datasheet (HTML) - Infineon Technologies AG


CYPAS211 Product details

Features
• Integrated secondary-side flyback controller and charging port controller
• Integrates secondary side synchronous rectifier (SR), PWM control with ZVS support
• Supports synchronous rectification in quasi-resonant (QR) or critical conduction mode (CrCM), valley switching,
discontinuous conduction mode (DCM), and continuous conduction mode (CCM) and supports switching
frequency up to 300 kHz
• Supports burst mode for light load operations
• SR driver works with both standard MOSFET and logic level MOSFET
• USB PD 3.1 compliant with EPR support of up to 28V VBUS
• Supports USB PD 2.0, PD 3.0 with Programmable Power Supply (PPS), QC5.0, QC4+, QC 4.0, QC 3.0, QC 2.0,
Samsung AFC, Apple Charging, and BC v1.2 charging protocols
• Integrates low-side current sense amplifier (LSCSA), 2x VBUS discharge FETs, and an NFET gate driver to drive
the load switch and VCONN FETs to support EMCA cables
• Configurable VBUS overvoltage protection (OVP), undervoltage protection (UVP), overcurrent protection (OCP),
short-circuit protection (SCP), and system overtemperature protection (OTP)
• Protects against accidental VBUS to CC short; electrostatic discharge (ESD) protection on CC, VBUS, and DP/DM
lines and overvoltage on DP/DM lines
• Integrates a 32-bit Cortex®-M0+ with 64-KB flash, 8-KB SRAM, and 64-KB ROM
• 32-pin QFN package with –40°C to +150°C junction temperature range




Similar Part No. - CYPAS211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPAS212 INFINEON-CYPAS212 Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQ INFINEON-CYPAS212A1-32LQXQ Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQT INFINEON-CYPAS212A1-32LQXQT Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS213 INFINEON-CYPAS213 Datasheet
445Kb / 34P
EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
Rev. B
CYPAS213A1-24SXQ INFINEON-CYPAS213A1-24SXQ Datasheet
445Kb / 34P
EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
Rev. B
More results


Similar Description - CYPAS211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
logo
ON Semiconductor
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
logo
Infineon Technologies A...
CYPD7271 INFINEON-CYPD7271 Datasheet
428Kb / 48P
EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller
Rev. C 2022-10-19
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com