Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet (PDF) - Infineon Technologies AG

CYPAS213 Datasheet PDF - Infineon Technologies AG
Part # CYPAS213
Download  CYPAS213 Download
File Size   445.87 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller

CYPAS213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYPAS213 Datasheet PDF - Infineon Technologies AG

Part # CYPAS213
Download  CYPAS213 Click to download

File Size   445.87 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller

CYPAS213 Datasheet (HTML) - Infineon Technologies AG


CYPAS213 Product details

Features
• Integrates secondary-side synchronous rectifier (SR) controller and charging port controller. SR controller has
a turn-on propagation delay of typical 40 ns and a turn-off propagation delay of typical 25 ns.
• Supports synchronous rectification in quasi-resonant (QR), critical conduction mode (CrCM), discontinuous
conduction mode (DCM), and continuous conduction code (CCM) and supports switching frequency up to
300 kHz
• SR driver works with both standard MOSFET and logic level MOSFET
• SR driver supports differentiation between primary turn-on versus resonance oscillation to avoid false turn-on
of SR gate-driver
• USB PD 3.1 compliant with extended power range (EPR) support of up to 28 V VBUS
• Supports USB PD 2.0, PD 3.0 with programmable power supply (PPS), QC5.0, QC4+, QC 4.0, QC 3.0, QC 2.0,
Samsung AFC, Apple Charging, and Battery Charging (BC) V1.2 charging protocols
• Integrates low-side current sense amplifier (LSCSA), 2x VBUS discharge FETs, and an NFET gate driver to drive
the load switch and VCONN FETs to support EMCA cables
• Configurable VBUS overvoltage protection (OVP), undervoltage protection (UVP), overcurrent protection (OCP),
short-circuit protection (SCP), and system overtemperature protection (OTP)
• Protects against accidental VBUS to CC short; electrostatic discharge (ESD) protection on CC, VBUS, DP/DM
lines, and overvoltage on DP/DM lines
• Integrates a 32-bit Cortex® M0+ with 64 KB flash, 8 KB SRAM, and 64 KB ROM
• 24-pin SOIC and 32-pin QFN packages with –40°C to +150°C junction temperature range




Similar Part No. - CYPAS213

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPAS211 INFINEON-CYPAS211 Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQ INFINEON-CYPAS211A1-32LQXQ Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQT INFINEON-CYPAS211A1-32LQXQT Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS212 INFINEON-CYPAS212 Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQ INFINEON-CYPAS212A1-32LQXQ Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
More results


Similar Description - CYPAS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Infineon Technologies A...
CYPD7271 INFINEON-CYPD7271 Datasheet
428Kb / 48P
EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller
Rev. C 2022-10-19
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT7208EB RICHTEK-RT7208EB Datasheet
2Mb / 51P
High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
August 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com