Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 5Page - Infineon Technologies AG CYPAS213 Datasheet HTML 6Page - Infineon Technologies AG CYPAS213 Datasheet HTML 7Page - Infineon Technologies AG CYPAS213 Datasheet HTML 8Page - Infineon Technologies AG CYPAS213 Datasheet HTML 9Page - Infineon Technologies AG CYPAS213 Datasheet HTML 10Page - Infineon Technologies AG CYPAS213 Datasheet HTML 11Page - Infineon Technologies AG CYPAS213 Datasheet HTML 12Page - Infineon Technologies AG CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Datasheet
9
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Pinouts
2.2
Pin description
2.2.1
SR_GDRV, SR_VSS, SR_SEN, SR_CPP, SR_CPN, SR_CAP
EZ-PD™ PAG2S-PS senses the voltage across the synchronous rectifier NFET and appropriately controls the gate
driver to achieve optimum efficiency, it supports both standard NFET and logic level NFET. EZ-PD™ PAG2S-PS
supports synchronous rectification in QR/CrCM, valley switching, discontinuous conduction mode (DCM), and
continuous conduction mode (CCM). The SR sense block supports negative sense detect and ZCD. For CCM mode,
fast detection of SR_DRAIN crossing 0 V is done via SR_CAP pin by coupling SR_DRAIN to SR_CAP via a 10 pF
capacitor.
The gate driver (SR_GDRV) can be driven to internal VDDD or twice VDDD to achieve lower RDS-On of the external
NFET. The Gate Driver can be driven to twice of VDDD using an internal doubler circuit, with the doubler capacitor
connected across SR_CPP and SR_CPN pins. The source terminal of the SR FET shall be connected to the SR_VSS
pin. SR block implements an adaptive voltage doubler, wherein the voltage doubler feature is enabled or
disabled on-the-fly based on the SR_GDRV pulse width and a configurable firmware parameter. The voltage at
the drain node of the external NFET is sensed via SR_SEN using a resistive divider.
2.2.2
FB, EA_OUT, CC_COMP_GPIOx
EZ-PD™ PAG2S-PS integrates two error amplifier blocks that handle secondary output sensing and feedback for
both constant voltage and constant current modes of operation. The error amplifier output can be used to
regulate the current drawn through the external optocoupler. The negative input of the error amplifier is the
feedback (FB) pin and the positive input is an internal voltage reference. Based on the desired VBUS output, the
voltage at the FB pin will be varied using internal current source/sink IDACs. An external compensation network
is required between the FB pin and EA_OUT pin, as shown in the application diagram (see Figure 1). The constant
current operation makes use of an internal low-side current sense amplifier (LSCSA), the output of which feeds
into an independent error amplifier as shown in the functional block diagram. Constant current mode regulation
requires an external compensation network between CC_COMP_GPIOx and EA_OUT as shown in Figure 1.
EZ-PD™ PAG2S-PS error amplifier can ensure constant voltage regulation from 3.3 V to 28 V range and constant
current regulation from 1 A to 5 A as required by the USB PD PPS EPR specification.
2.2.3
VBUS_IN, VDDD, VCCD
EZ-PD™ PAG2S-PS integrates a high-voltage regulator, which is powered from the VBUS_IN rail, the output of the
regulator powers the VDDD rail. The input to the regulator can range from 3.3 V minimum to 30 V maximum. This
regulator is intended to deliver EZ-PD™ PAG2S-PS current consumption and is not expected to drive any external
loads or ICs. EZ-PD™ PAG2S-PS also has an internal configurable discharge path for the VBUS_IN rail, which is
used to discharge the VBUS rail during negative voltage transitions. The discharge resistor strength is
configurable through firmware settings.
The regulated supply VDDD is either used to directly power some internal analog blocks or further regulated
down to 1.8 V VCCD, which powers the majority of the core. VDDD and VCCD are brought out onto pins to connect
external capacitors for regulator stability and these are not meant to be used as power supplies.
2.2.4
VBUS_C, VBUS_CTRL
VBUS_C is used to monitor the voltage at the Type-C connector. VBUS_C has an internal configurable discharge
path, which is used to discharge the VBUS_C rail during negative voltage transitions. The discharge resistor
strength is configurable through firmware settings. The load switch is between VBUS_IN and VBUS_C.
EZ-PD™ PAG2S-PS integrates an NFET gate driver to control this load switch. VBUS_CTRL is the output of this gate
driver. There is an optional slow turn-on feature which is meant to avoid the sudden in-rush current.
2.2.5
CSP, CSN
EZ-PD™ PAG2S-PS integrates a low-side current sense amplifier (LSCSA) to monitor the load current. CSP is the
positive input pin for the LSCSA and CSN is the negative input. Suggested Rsense for LSCSA is 5 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com