Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG CYPAS213 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Datasheet
18
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
4.3
Functional block specifications
Table 6
Functional block specifications
Parameter
Description
Min
Typ
Max
Unit
Details/conditions
Synchronous rectifier
VCPP1
Voltage doubler
output voltage with
VBUS = 3.3 V–5.5 V
5
–
–
V
–
VCPP2
Voltage doubler
output voltage with
VBUS = 5.5 V–30 V
911
TR_SR
Rise time (1 V to
VOH – 1 V) of
sync-rectifier gate
driver output with
CL = 3nF, including
(with and without
double bypass mode)
–
60
ns
TF_SR1
Fall time (VOH – 1 V to
1 V) of sync-rectifier
gate driver output with
CL = 3 nF, (with doubler
mode)
25
50
TF_SR2
Fall time (VOH – 1 V to
1 V) of sync-rectifier
gate driver output with
CL = 3 nF, (with doubler
bypass mode)
15
30
VTRIP_NSN_100
Negative sense trip
voltage to turn-ON
secondary switch
50
100
150
mV
VTRIP_ZCD
Negative sense trip
voltage to turn-OFF
secondary switch
–8
–5
–3
VTRIP_ZCDF
Trip voltage to
turn-OFF secondary
switch through Fast
ZCD
07
10
TD_ON
Turn on propagation
delay from SR_DRAIN
at 100 mV to SR_GDRV
reaching 1 V
–40
80
ns
TD_OFF
Turn off propagation
delay from SR_DRAIN
step change (from
–50 mV to +300 mV in
5 ns) to SR_GDRV
output reaching
VOH – 1 V.
–25
40
IO_SRC_SNK
Output peak current
(Source and sink)
–1
–A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com