Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG CYPAS213 Datasheet HTML 22Page - Infineon Technologies AG CYPAS213 Datasheet HTML 23Page - Infineon Technologies AG CYPAS213 Datasheet HTML 24Page - Infineon Technologies AG CYPAS213 Datasheet HTML 25Page - Infineon Technologies AG CYPAS213 Datasheet HTML 26Page - Infineon Technologies AG CYPAS213 Datasheet HTML 27Page - Infineon Technologies AG CYPAS213 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Datasheet
24
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
Vbus_stop_error
Error percentage of
final VBUS value from
setting
–
–
10
%
When VBUS is
discharged to 5 V
R1A
NMOS ON resistance
for DS = 1 on VBUS_C
1000
2000
Ω
Measured at 0.5 V
R127A
NMOS ON resistance
for DS = 127 on VBUS_C 6.5
38
Voltage regulation DC specifications
VOUT
Typical VBUS_IN
output voltage range
3.3
–
28
V
–
VR
VBUS voltage
regulation accuracy
–
±3
±5
%
Ika_off
Off-state cathode
current
2.2
10
µA
Ika_on
Current through
EA_OUT pin when in
sink mode for
optocoupler
application
–5
mA
VBUS regulator specifications
VOLTAGE_DETECT
Voltage detect
threshold voltage on
VBUS_IN
1.65
2.1
2.4
V
–
Tstart
Total startup time for
the regulator supply
outputs with 4.7 µF
load capacitance
–
50
200
μs
ADC DC specifications
Resolution
ADC resolution
–
8
–
bits
–
INL
Integral non-linearity –2.5
–
2.5
LSB
Reference voltage
generated from VDDD
INL
Integral non-linearity –1.5
1.5
Reference voltage
generated from
bandgap
VREF_ADC1
Reference voltage of
ADC
VDDDmin
VDDDmax
V
Reference voltage
generated from VDDD
VREF_ADC2
1.96
2
2.04
Reference voltage
generated from
bandgap
VCONN switch specifications
VCONN_OUT
VCONN minimum
output voltage with
20 mA load current
with Vbus = 5 V–30 V
4.5
–
–V
–
Ileak
Connector side pin
leakage current
–10
µA
Table 6
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com