Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG CYPAS213 Datasheet HTML 22Page - Infineon Technologies AG CYPAS213 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Datasheet
19
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
TR_SR1
Rise time
(1 V to VOH – 1 V) of
sync-rectifier gate
driver output with
CL = 3 nF, including
(with doubler mode)
––
75
ns
–
TR_SR2
Rise time
(1 V to VOH – 1 V) of
sync-rectifier gate
driver output with
CL = 3 nF, including
(with doubler bypass
mode)
––
30
ns
GPIO
I_LU
Latch up current limits –100
–
100
mA
–
RPU
Pull-up resistor value
3.5
5.6
8.5
kΩ
RPD
Pull-down resistor
value
IIL
Input leakage current
(Absolute value)
–
–
2
nA
+25°C TA, 3 V VDDD
CPIN_A
Max pin capacitance
22
pF
Capacitance on DP, DM
pins
CPIN
Max pin capacitance
3
7
All VDDD,
all other GPIOs
Voh
Output voltage high
level
VDDD – 0.6
–
–
V
Ioh = -4 mA
Vol
Output voltage low
level
–
0.6
Iol = 10 mA
Vih_CMOS
Input voltage high
threshold
0.7 × VDDD
–
–
Vil_CMOS
Input voltage low
threshold
–0.3 × VDDD
Vih_TTL
LVTTL input
2
–
Vil_TTL
LVTTL input
–
0.8
Vhysttl
Input hysteresis LVTTL 80
–mV
Vhyscmos
Input hysteresis CMOS 0.1 × VDDD
IDIODE
Current through
protection diode to
VDDD/VSS
–
100
µA
TriseF
Rise time in Fast
Strong mode
1
15
ns
Cload = 25 pF
TfallF
Fall time in Fast Strong
mode
15
–
TriseS
Rise time in Slow
Strong mode
10
70
TfallS
Fall time in Slow
Strong mode
Table 6
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com