Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG CYPAS213 Datasheet HTML 22Page - Infineon Technologies AG CYPAS213 Datasheet HTML 23Page - Infineon Technologies AG CYPAS213 Datasheet HTML 24Page - Infineon Technologies AG CYPAS213 Datasheet HTML 25Page - Infineon Technologies AG CYPAS213 Datasheet HTML 26Page - Infineon Technologies AG CYPAS213 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Datasheet
23
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
LS-CSA AC specifications
Tscp_gate
Delay from SCP
threshold trip to
external NFET power
gate turn off
–
2.5
–µs
1nF NFET gate
capacitance,
VBUS_IN = 28 V
Tscp_gate_1
7.5
3nF NFET gate
capacitance,
VBUS_IN = 28 V
UVOV
VTHOV
Over-voltage
threshold accuracy,
4 V to 30 V
–3
–
3
%–
VTHUV1
Under-voltage
threshold accuracy,
3 V to 4 V
–4
4
VTHUV2
Under-voltage
threshold accuracy,
4 V to 30 V
–3
3
VBUS gate driver DC specs
GD_VGS
Gate to source
overdrive during ON
condition
5
–
10
V
NFET driver is ON
GD_Rpd
Resistance when
pull-down enabled
–2
KΩ
Applicable on
VBUS_CTRL to turn-off
external NFET
GD_drv
Programmable typical
gate current
0.3
9.75
µA
Gate driver output
current
VBUS gate driver AC specs
Ton
VBUS_ctrl Low to High
(1 V to VBUS + 1 V) with
3 nF external
capacitance
2
5
10
ms
VBUS_in = 5 V
Toff
VBUS_ctrl High to Low
(90% to 10%) with 3 nF
external capacitance
–
7.5
–
µs
VBUS_in = 28 V
VBUS discharge
R1
NMOS ON resistance
for DS = 1 on VBUS_IN 1000
–
4000
Ω
Measured at 0.5 V
R2
NMOS ON resistance
for DS = 2 on VBUS_IN 500
2000
R4
NMOS ON resistance
for DS = 4 on VBUS_IN 250
1000
R8
NMOS ON resistance
for DS = 8 on VBUS_IN 125
500
R16
NMOS ON resistance
for DS = 16 on VBUS_IN 62.5
250
R32
NMOS ON resistance
for DS = 32 on VBUS_IN 31.25
150
Table 6
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com