Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 12Page - Infineon Technologies AG CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Datasheet
16
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Device-level specifications
Table 4
Absolute maximum ratings
Parameter
Description
Min
Typ
Max
Unit
VBUS_IN_MAX
Maximum input supply voltage
–0.3
–
34
V
VDDD_MAX
VDDD supply voltage
–
6
V_SR_DRAIN_MAX Voltage on SR_SEN pin
34
VCC_PIN_ABS
Voltage on CC1, CC2 pins
VGPIO_ABS
GPIO voltage
–0.5
VDDD+0.5
IGPIO_ABS
Current per GPIO
–
25
mA
I_LU
Pin current for latch-up
–100
100
ESD_HBM
Electrostatic discharge human body model
–
2000
V
ESD_CDM
Electrostatic discharge charged device model
500
Table 5
Device-level specifications
Parameter
Description
Min
Typ
Max
Unit Details/conditions
Memory size
FLASH_SIZE Flash memory size
–
64
–KB
SONOS Flash amount
(bytes)
SRAM_SIZE SRAM memory size
8
SRAM amount (bytes)
SROM_SIZE SROM memory size
64
Silicon power
VDDD_REG
VDDD output with
VBUS 5.5 V to 30 V
4.6
5
5.4
V–
VDDD_MIN
VDDD output with
VBUS 3.15 V to 5.5 V
VBUS – 0.33
–
–
VBUS_IN
Power supply input voltage 3.15
30.0
VCCD
Output voltage for core logic –
1.8
–
VDDWRITE
Supply voltage for flash
write
3–
5.5
Cefc
External regulator voltage
bypass for VCCD
80
100
120
nF
X5R ceramic or better
Cexc
Power supply capacitor for
VDDD
44.7
–µF
Cexv
Power supply decoupling
capacitor for VBUS_IN
–1
Cexcpp
Capacitor between SR_CPP
and SR_CPN pins
0.1
–
Igpio_abs
Current per GPIO
–
25
mA
Absolute maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com