Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG CYPAS213 Datasheet HTML 22Page - Infineon Technologies AG CYPAS213 Datasheet HTML 23Page - Infineon Technologies AG CYPAS213 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Datasheet
20
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
FGPIO_OUT1
GPIO Fout;
2.85 V  VDDD  5.5 V.
Fast Strong mode.
––
28
MHz
–
FGPIO_OUT2
GPIO Fout;
2.85 V  VDDD  5.5 V.
Slow Strong mode.
6
FGPIO_IN
GPIO input operating
frequency;
2.85 V  VDDD  5.5 V
28
Flash macro
FLASH_ERASE
Row erase time
–
–
15.5
ms
–
FLASH_WRITE
Row (Block) write time
(Erase and program)
20
FLASH_DR
Flash data retention
15
–
Years
25°C to 55°C,
all VDDD
FLASH_ENPB
Flash write endurance 100K
Cycles
25°C to 85°C,
all VDDD
FLASH_ENPB1
Flash write endurance 10K
25°C to 125°C,
all VDDD
FLASH_ROW_PGM Row program time
after erase
–7
ms
–
TBULKERASE
Bulk erase time (32KB) –
35
TDEVPROG
Total device program
time
–7.5
s
FRET1
Flash retention,
TA ≤ 55°C,
100K P/E cycles
15
–Years
FRET2
Flash retention,
TA ≤ 85°C,
10K P/E cycles
10
FRET3
Flash retention,
TA ≤ 105°C,
10K P/E cycles
3
SWD
F_swdclk1
All VDDD
–
–
14
MHz
–
T_swdi_setup
T = 1/f SWDCLK
0.25 × T
–
ns
T_swdi_hold
T_swdo_valid
–
0.50 × T
T_swdo_hold
1
–
ILO / IMO / POR
FIMO
IMO frequency
2436
48MHz
–
IMO_STL
IMOsettlingtimewhen
trim register is
changed
––
200
ns
25°C TA, All VDDD,
48 MHz  FIMO 24 MHz
FCPU
CPU input frequency
48
MHz
–
FILO
ILO frequency
1540
80kHz
Table 6
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com