Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 9Page - Infineon Technologies AG CYPAS213 Datasheet HTML 10Page - Infineon Technologies AG CYPAS213 Datasheet HTML 11Page - Infineon Technologies AG CYPAS213 Datasheet HTML 12Page - Infineon Technologies AG CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Datasheet
13
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Functional description
Figure 6
SR_SEN and SR_GDRV in CCM mode
The voltage at the drain node of the external NFET is sensed on the SR_SEN pin connected via an external resistor.
The external resistor is needed to restrict voltage at the SR_SEN pin below 34 V. The external resistance on the
SR_SEN pin depends on the turns ratio of the power transformer. Table 3 provides the external resistor values
required for different turns ratio.
Table 3
External resistance on SR_SEN vs turns ratio
Primary: Secondary turns ratio
Rext (Ohms)
3:1
20k
4:1
20k
5:1
20k
6:1
12k
7:1
12k
8:1
12k
9:1
12k
10:1
12k
11:1
12k
12:1
12k
13:1
12k
14:1
12k
15:1
12k
Time
Primary Current
Secondary Current
SR_SEN
Primary FET ON,
SR FET OFF
Primary FET OFF,
SR FET ON
Negative sense
detect
SR_GDRV
CCM turn-off point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com