Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYPAS213 Datasheet HTML 1Page - Infineon Technologies AG CYPAS213 Datasheet HTML 2Page - Infineon Technologies AG CYPAS213 Datasheet HTML 3Page - Infineon Technologies AG CYPAS213 Datasheet HTML 4Page - Infineon Technologies AG CYPAS213 Datasheet HTML 5Page - Infineon Technologies AG CYPAS213 Datasheet HTML 6Page - Infineon Technologies AG CYPAS213 Datasheet HTML 7Page - Infineon Technologies AG CYPAS213 Datasheet HTML 8Page - Infineon Technologies AG CYPAS213 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-37178 Rev. *B
www.infineon.com
page 1
2023-10-10
CYPAS213
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
General description
EZ-PD™ PAG2S-PS CYPAS213 is an integrated secondary-side controller with USB Power Delivery controller and
synchronous-rectifier. EZ-PD™ PAG2S-PS is targeted towards USB-C power adapters, it fits well into
high-efficiency AC-DC flyback designs with USB Power Delivery, Qualcomm Quick Charge, and other standard
charging protocols. EZ-PD™ PAG2S-PS also supports USB Power Delivery Extended Power Range (EPR) mode.
Applications
• USB-C chargers and adapters
• USB-C chargers and adapters with EPR
• Power adapters supporting both USB PD and legacy charging
Features
• Integrates secondary-side synchronous rectifier (SR) controller and charging port controller. SR controller has
a turn-on propagation delay of typical 40 ns and a turn-off propagation delay of typical 25 ns.
• Supports synchronous rectification in quasi-resonant (QR), critical conduction mode (CrCM), discontinuous
conduction mode (DCM), and continuous conduction code (CCM) and supports switching frequency up to
300 kHz
• SR driver works with both standard MOSFET and logic level MOSFET
• SR driver supports differentiation between primary turn-on versus resonance oscillation to avoid false turn-on
of SR gate-driver
• USB PD 3.1 compliant with extended power range (EPR) support of up to 28 V VBUS
• Supports USB PD 2.0, PD 3.0 with programmable power supply (PPS), QC5.0, QC4+, QC 4.0, QC 3.0, QC 2.0,
Samsung AFC, Apple Charging, and Battery Charging (BC) V1.2 charging protocols
• Integrates low-side current sense amplifier (LSCSA), 2x VBUS discharge FETs, and an NFET gate driver to drive
the load switch and VCONN FETs to support EMCA cables
• Configurable VBUS overvoltage protection (OVP), undervoltage protection (UVP), overcurrent protection (OCP),
short-circuit protection (SCP), and system overtemperature protection (OTP)
• Protects against accidental VBUS to CC short; electrostatic discharge (ESD) protection on CC, VBUS, DP/DM
lines, and overvoltage on DP/DM lines
• Integrates a 32-bit Cortex® M0+ with 64 KB flash, 8 KB SRAM, and 64 KB ROM
• 24-pin SOIC and 32-pin QFN packages with –40°C to +150°C junction temperature range


Similar Part No. - CYPAS213

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPAS211 INFINEON-CYPAS211 Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQ INFINEON-CYPAS211A1-32LQXQ Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQT INFINEON-CYPAS211A1-32LQXQT Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS212 INFINEON-CYPAS212 Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQ INFINEON-CYPAS212A1-32LQXQ Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
More results

Similar Description - CYPAS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Infineon Technologies A...
CYPD7271 INFINEON-CYPD7271 Datasheet
428Kb / 48P
EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller
Rev. C 2022-10-19
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT7208EB RICHTEK-RT7208EB Datasheet
2Mb / 51P
High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com