Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 3Page - Infineon Technologies AG CYPAS213 Datasheet HTML 4Page - Infineon Technologies AG CYPAS213 Datasheet HTML 5Page - Infineon Technologies AG CYPAS213 Datasheet HTML 6Page - Infineon Technologies AG CYPAS213 Datasheet HTML 7Page - Infineon Technologies AG CYPAS213 Datasheet HTML 8Page - Infineon Technologies AG CYPAS213 Datasheet HTML 9Page - Infineon Technologies AG CYPAS213 Datasheet HTML 10Page - Infineon Technologies AG CYPAS213 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Datasheet
7
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Pinouts
Table 2
24-pin SOIC pin description
Pin number Pin name
Pin description
1
CC_COMP_GPIO0
Compensation pin/GPIO/TCPWM
2
VBUS_IN
Power source input for regulator
3
VCCD
1.8 V core voltage LDO output
4
VDDD
3.0 V to 5.5 V internal LDO output
5VSS
Ground
6
VDDD_SR
VDDD supply for sync rectifier driver
7
SR_CPN
Synchronous-rectification doubler capacitor negative pin
8
SR_CPP
Synchronous-rectification doubler capacitor positive pin
9
VSS_SR
Ground for sync rectifier driver
10
SR_GDRV
Synchronous-rectifier NFET gate driver
11
SR_SEN
Synchronous-rectifier NFET drain terminal sensing
12
SR_CAP
Synchronous-rectifier NFET high frequency sensing input for fast ZCD
13
DM_GPIO1
USB D–/GPIO/SWD_DAT
14
DP_GPIO2
USB D+/GPIO/SWD_CLK
15
GPIO3
External reset input/GPIO
16
CC2
Power Delivery Communication Channel 2
17
CC1
Power Delivery Communication Channel 1
18
CSN
Low-side current sense amplifier negative input
19
CSP
Low-side current sense amplifier positive input
20
VBUS_C
USB Type-C VBUS monitor input
21
VBUS_CTRL
Load switch NFET gate control
22
EA_OUT
Error amplifier output
23
FB
Error amplifier feedback
24
CC_COMP_GPIO4
Compensation pin/GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com