Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG CYPAS213 Datasheet HTML 20Page - Infineon Technologies AG CYPAS213 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Datasheet
17
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
Tsleep
Wakeup from Sleep mode
–
0
–
µs
–
Tdeepsleep Wakeup from Deep Sleep
mode
35
mA
–
IDD_A
ActivecurrentfromVBUS_IN
(Type-C Attached)
25.0
VBUS_IN = 11 V,
TA = 25°C,
CC1/CC2 in Tx or Rx,
CPU at 24 MHz,
SR/PWM at 100 kHz
EA/ADC/CSA/UVOV
blocks ON
IDD_A2
Current from VBUS_IN
(Type-C attached)
in SR mode
9.0
VBUS_IN = 28 V,
TA = 25°C,
Clock at 12 MHz,
SR at 100 kHz,
SR Cap = 3 nF,
No toggling on CC
IDD_A4
Current from VBUS_IN
(Type-C attached)
in Low power SR mode
3
VBUS_IN = 28 V,
TA = 25°C,
Deep Sleep, SR mode,
No toggling on CC
IDD_DS2_UA
Deep Sleep current from
VBUS_IN
(Type-C unattached)
in SR mode
400
µA
VBUS_in = 5 V, TA = 25°C,
Type-C unattached,
SR mode, DFP mode
L_SEC
Secondary side inductor
3
–
µH
Secondary side
inductor
Table 5
Device-level specifications (continued)
Parameter
Description
Min
Typ
Max
Unit Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com