Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 24Page - Infineon Technologies AG CYPAS213 Datasheet HTML 25Page - Infineon Technologies AG CYPAS213 Datasheet HTML 26Page - Infineon Technologies AG CYPAS213 Datasheet HTML 27Page - Infineon Technologies AG CYPAS213 Datasheet HTML 28Page - Infineon Technologies AG CYPAS213 Datasheet HTML 29Page - Infineon Technologies AG CYPAS213 Datasheet HTML 30Page - Infineon Technologies AG CYPAS213 Datasheet HTML 31Page - Infineon Technologies AG CYPAS213 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Datasheet
28
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Packaging
Figure 8
32-lead QFN ((5.0 × 5.0 × 0.8 mm) WNP032 3.5 × 3.5 mm E-pad (Sawn)) package outline
(PG-VQFN-32), 002-15160
2. DIMENSIONING AND TOLERANCINC CONFORMS TO ASME Y14.5-1994.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. DIMENSION "b" APPLIES TO METALLIZED TERMINAL AND IS MEASURED
BETWEEN 0.15 AND 0.30mm FROM TERMINAL TIP.IF THE TERMINAL HAS
THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL. THE
DIMENSION "b"SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
5. ND REFER TO THE NUMBER OF TERMINALS ON D OR E SIDE.
6. MAX. PACKAGE WARPAGE IS 0.05mm.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
7. MAXIMUM ALLOWABLE BURRS IS 0.076mm IN ALL DIRECTIONS.
8. PIN #1 ID ON TOP WILL BE LOCATED WITHIN INDICATED ZONE.
9. BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED HEAT
SINK SLUG AS WELL AS THE TERMINALS.
NOTE
10. JEDEC SPECIFICATION NO. REF : N/A
DIMENSIONS
NOM.
MIN.
b
E
3.50 BSC
5.00 BSC
D
A
1
A
5.00 BSC
0.00
SYMBOL
MAX.
0.80
0.05
0.50 BSC
L
0.18
0.25
0.30
E
D2
2
3.50 BSC
e
c
0.30 REF
0.40
0.35
0.45
SIDE VIEW
BOTTOM VIEW
TOP VIEW
D
A
E
B
0.10 C
2X
0.10 C
2X
0.10 C
A
A1
0.08 C
C
SEATING PLANE
D2
E2
0.10
C A B
0.10
C A B
32
e
b
0.10
C A B
0.05
C
c
(ND-1)× e
INDEX MARK
8
4
5
9
L
9
1
8
9
16
17
24
25
002-15160 Rev. **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com