Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS213 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 23Page - Infineon Technologies AG CYPAS213 Datasheet HTML 24Page - Infineon Technologies AG CYPAS213 Datasheet HTML 25Page - Infineon Technologies AG CYPAS213 Datasheet HTML 26Page - Infineon Technologies AG CYPAS213 Datasheet HTML 27Page - Infineon Technologies AG CYPAS213 Datasheet HTML 28Page - Infineon Technologies AG CYPAS213 Datasheet HTML 29Page - Infineon Technologies AG CYPAS213 Datasheet HTML 30Page - Infineon Technologies AG CYPAS213 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Datasheet
27
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Packaging
6Packaging
Table 8
Package characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
TA
Operating ambient temperature
Extended industrial –40
–
105
°C
TJ
Operating junction temperature
150
TJA
Package Theta-JA for 32-pin QFN
––
23.4
–°C/W
TJA
Package Theta-JA for 24-pin SOIC
68.9
TJB
Package Theta-JB for 32-pin QFN
4.85
TJB
Package Theta-JB for 24-pin SOIC
64.1
TJC
Package Theta-JC for 32-pin QFN
27.2
TJC
Package Theta-JC for 24-pin SOIC
35.6
Table 9
Solder reflow peak temperature
Package
Maximum peak temperature
Maximum time within 5°C of peak temperature
24-pin SOIC
260°C
30 seconds
32-pin QFN
Table 10
Package moisture sensitivity level (MSL), IPC/JEDEC J-STD-2
Package
MSL
24-pin SOIC
MSL3
32-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com