Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 3Page - Infineon Technologies AG CYPAS211 Datasheet HTML 4Page - Infineon Technologies AG CYPAS211 Datasheet HTML 5Page - Infineon Technologies AG CYPAS211 Datasheet HTML 6Page - Infineon Technologies AG CYPAS211 Datasheet HTML 7Page - Infineon Technologies AG CYPAS211 Datasheet HTML 8Page - Infineon Technologies AG CYPAS211 Datasheet HTML 9Page - Infineon Technologies AG CYPAS211 Datasheet HTML 10Page - Infineon Technologies AG CYPAS211 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Datasheet
7
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Pinouts
2.2.3
PWM_DRV
PAG2S-QZ supports an analog PWM generator, which modulates the pulse width of the primary-side FET in
voltage control mode. It generates a programmable ramp which is compared against the output of the error
amplifier to determine the PWM pulse width. The ramp is generated by sourcing current into an internal
capacitor; the source current is a programmable combination of a certain fixed current and the feed-forward
current. The PWM signal is transferred from the secondary side to the primary side through an external pulse edge
transformer.
2.2.4
VBUS_IN, VDDD, VCCD
PAG2S-QZ integrates a high-voltage regulator, which is powered from the VBUS_IN rail, the output of the
regulator powers the VDDD rail. The input to the regulator can range from 3.3-V minimum to 30-V maximum. This
regulator is intended to deliver PAG2S-QZ current consumption and is not expected to drive any external loads
or ICs. PAG2S-QZ also has an internal configurable discharge path for the VBUS_IN rail, which is used to discharge
the VBUS rail during negative voltage transitions. The discharge resistor strength is configurable through
firmware settings.
The regulated VDDD supply, is either used to directly power some internal analog blocks or further regulated
down to 1.8-V VCCD, which powers the majority of the core. VDDD and VCCD are brought out on to pins to connect
external capacitors for regulator stability; these are not meant to be used as power supplies.
2.2.5
VBUS_C, VBUS_CTRL
VBUS_C is used to monitor the voltage at the Type-C connector. VBUS_C has an internal configurable discharge
path, which is used to discharge the VBUS_C rail during negative voltage transitions. The discharge resistor
strength is configurable through firmware settings. The load switch is between VBUS_IN and VBUS_C. PAG2S-QZ
integrates an NFET gate driver to control this load switch. VBUS_CTRL is the output of this gate driver. There is
an optional slow turn-on feature which is meant to avoid sudden in-rush current.
2.2.6
CSP, CSN
PAG2S-QZ integrates a LSCSA to monitor the load current. CSP is the positive input pin for the LSCSA and CSN is
the negative input. Suggested Rsense for LSCSA is 5 m.
2.2.7
CC1, CC2
CC1 and CC2 are the communication channels for USB PD protocol. PAG2S-QZ integrates a USB PD transceiver
consisting of a transmitter (TX) and receiver (RX) that communicate Biphase Mark Code (BMC)-encoded data over
the Configuration Channel (CC) channels as per the USB PD standard. All communication is half-duplex. The
physical layer implements collision avoidance to minimize communication errors on the channel. This block
includes all termination resistors (Rp) and their switches as required by the USB PD specification.
To support active cable applications, PAG2S-QZ also integrates VCONN FETs to power the CC lines. An external
390-pF capacitor is required on both the CC1 and CC2 pins.
2.2.8
DP_GPIOx, DM_GPIOx
The DP and DM lines are the standard USB D+ and D- lines. PAG2S-QZ integrates a charge detect block, which
handles legacy charging protocols such as BC 1.2, Quick Charge, Apple Charging, and Samsung AFC. This block
integrates all the terminations required for these charging protocols; no external components are required. When
legacy charging is not required in the system, the same DP and DM lines can be re-used as standard GPIOs. The
charger detect block also supports impedance detection on DP/DM lines.
2.2.9
GPIOx, XRES
PAG2S-QZ has multiple GPIOs, out of which some are dedicated GPIOs and the rest are multiplexed with other
functionalities. These GPIOs support multiple drive modes and configurable threshold options. During power-on
and reset, the GPIOs are forced to the tristate so as not to crowbar any inputs and/or cause excess turn-on current.
The XRES pin can be used to initiate a reset; this pin is internally pulled HIGH and must be pulled LOW externally
to trigger a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com