Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 14Page - Infineon Technologies AG CYPAS211 Datasheet HTML 15Page - Infineon Technologies AG CYPAS211 Datasheet HTML 16Page - Infineon Technologies AG CYPAS211 Datasheet HTML 17Page - Infineon Technologies AG CYPAS211 Datasheet HTML 18Page - Infineon Technologies AG CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG CYPAS211 Datasheet HTML 20Page - Infineon Technologies AG CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Datasheet
18
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Electrical specifications
4.3
Functional block specifications
Table 5
Functional block specifications
Parameter
Description
Min
Typ
Max
Unit
Details / conditions
Synchronous rectifier
VCPP1
Voltage doubler output voltage
with VBUS = 3.3 V–5.5 V
5
–
–
V
–
VCPP2
Voltage doubler output voltage
with VBUS = 5.5 V–30 V
911
TR_SR
Rise time (1 V to VOH – 1 V) of
sync-rectifier gate driver
output with CL = 3 nF, including
(with and without double
bypass mode)
–
60
ns
TF_SR1
Fall time (VOH – 1 V to 1 V) of
sync-rectifier gate driver
output with CL = 3 nF (with
doubler mode)
25
50
TF_SR2
Fall time (VOH – 1 V to 1 V) of
sync-rectifier gate driver
output with CL = 3 nF (with
doubler bypass mode)
15
30
VTRIP_NSN_100
Negative sense trip voltage to
turn ON secondary switch
50
100
150
mV
VTRIP_ZCD
Negative sense trip voltage to
turn OFF secondary switch
–8
–5
–3
VTRIP_ZCDF
Trip voltage to turn OFF
secondary switch through fast
ZCD
07
10
TD_ON
Turn on propagation delay
from SR_DRAIN at 100 mV to
SR_GDRV reaching 1 V
–40
80
ns
IO_SRC_SNK
Output peak current (source
and sink)
–1
–
A
TR_SR1
Rise time (1 V to VOH – 1 V) of
sync-rectifier gate driver
output with CL = 3 nF, including
(with doubler mode)
––
75
ns
TR_SR2
Rise time (1 V to VOH – 1 V) of
sync-rectifier gate driver
output with CL = 3 nF, including
(with doubler bypass mode)
––
30
PWM
FSW
Switching frequency
20
–
300
kHz
–
PWM_ON
Minimum controllable ON time 100
–
ns
VOL_PTDR
Output LOW voltage at the
output of pulse-edge
transformer driver
(ISink = 8 mA)
––
0.5
V
VDDD = 3 V, Iol = 8 mA
GPIO
I_LU
Latch up current limits
-100
–
100
mA
–
RPU
Pull-up resistor value
3.5
5.6
8.5
kΩ
RPD
Pull-down resistor value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com