Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG CYPAS211 Datasheet HTML 23Page - Infineon Technologies AG CYPAS211 Datasheet HTML 24Page - Infineon Technologies AG CYPAS211 Datasheet HTML 25Page - Infineon Technologies AG CYPAS211 Datasheet HTML 26Page - Infineon Technologies AG CYPAS211 Datasheet HTML 27Page - Infineon Technologies AG CYPAS211 Datasheet HTML 28Page - Infineon Technologies AG CYPAS211 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Datasheet
25
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Packaging
6Packaging
Table 7
Package characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
TA
Operating ambient temperature
Extended industrial –40
–
105
°C
TJ
Operating junction temperature
150
TJA
Package JA for 32-pin QFN
––
23.4
–°C/W
TJB
Package JB for 32-pin QFN
4.85
TJC
Package JC for 32-pin QFN
27.2
Table 8
Solder reflow peak temperature
Package
Maximum peak temperature
Maximum time within 5°C of
peak temperature
32-pin QFN
260°C
30 seconds
Table 9
Package moisture sensitivity level (MSL), IPC/JEDEC J-STD-2
Package
MSL
32-pin QFN
MSL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com