Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 17Page - Infineon Technologies AG CYPAS211 Datasheet HTML 18Page - Infineon Technologies AG CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG CYPAS211 Datasheet HTML 20Page - Infineon Technologies AG CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG CYPAS211 Datasheet HTML 23Page - Infineon Technologies AG CYPAS211 Datasheet HTML 24Page - Infineon Technologies AG CYPAS211 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Datasheet
21
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Electrical specifications
PD transceiver
vSwing
Transmitter output HIGH
voltage
1.05
–
1.2
V
–
vSwing_low
Transmitter output LOW
voltage
0.075
zDriver
Transmitter output impedance 33
75
Ω
Idac_std
Source current for USB
standard advertisement
64
96
µA
Idac_1p5a
Source current for 1.5 A @ 5-V
advertisement
166
194
Idac_3a
Source current for 3 A @ 5-V
advertisement
304
356
zOPEN
CC impedance to ground when
disabled
108
–
–kΩ
–
DFP_default_0p2
CC voltages on DFP
side-Standard USB
0.15
0.25
V
DFP_1.5A_0p4
CC voltages on DFP side – 1.5 A 0.35
0.5
DFP_3A_0p8
CC voltages on DFP side – 3 A
0.75
0.85
DFP_3A_2p6
CC voltages on DFP side – 3 A
2
2.75
Vattach_ds
Deep Sleep attach threshold
0.30
0.6
–
Rattach_ds
Deep Sleep pull-up resistor
10
50
kΩ
LSCSA DC specifications
Csa_Acc1
CSA accuracy with
5 mV < Vsense < 10 mV
–0.75
–
0.75
mV
–
Csa_Acc2
CSA accuracy with
10 mV < Vsense < 15 mV
Csa_Acc3
CSA accuracy with
15 mV < Vsense < 25 mV
Csa_Acc4
CSA accuracy with
Vsense = 50 mV
SCP_6A
Short circuit current detect
@ 6 A
5.4
6
6.6
A
–
SCP_10A
Short circuit current detect
@10 A
910
11
SCP_20A
Short circuit current detect
@ 20 A
18
20
22
OCP threshold
OCP trip with 5 mΩ and
current > 4 A
117
130
143
%
Av
Nominal gain values
supported: 40, 60
30
–
60
V/V
LSCSA AC specifications
TSCP_GATE
Delay from SCP threshold trip
to external NFET power gate
turn off
–
2.5
–µs
1 nF NFET gate
capacitance,
VBUS_IN = 28 V
TSCP_GATE_1
7.5
3 nF NFET gate
capacitance,
VBUS_IN = 28 V
Table 5
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details / conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com