Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 15Page - Infineon Technologies AG CYPAS211 Datasheet HTML 16Page - Infineon Technologies AG CYPAS211 Datasheet HTML 17Page - Infineon Technologies AG CYPAS211 Datasheet HTML 18Page - Infineon Technologies AG CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG CYPAS211 Datasheet HTML 20Page - Infineon Technologies AG CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG CYPAS211 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Datasheet
19
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Electrical specifications
IIL
Input leakage current
(absolute value)
–
–
2nA
+25°C TA, 3 V VDDD
CPIN_A
Maximum pin capacitance
22
pF
Capacitance on DP,
DM pins
CPIN
37
All VDDD,
all other GPIOs
VOH
Output voltage HIGH level
VDDD – 0.6
–
–
V
Ioh = –4 mA
VOL
Output voltage LOW level
–
0.6
Iol = 10 mA
VIH_CMOS
Input voltage HIGH threshold
0.7 × VDDD
–
–
VIL_CMOS
Input voltage LOW threshold
–
0.3 × VDDD
VIH_TTL
LVTTL input
2
–
VIL_TTL
LVTTL input
–
0.8
VHYSTTL
Input hysteresis LVTTL
80
–mV
VHYSCMOS
Input hysteresis CMOS
0.1 × VDDD
IDIODE
Current through protection
diode to VDDD/VSS
–
100.0
µA
TRISEF
Rise time in Fast Strong mode
1
15
ns
CLOAD = 25 pF
TFALLF
Fall time in Fast Strong mode
15.0
–
TRISES
Rise time in Slow Strong mode
10
70
TFALLS
Fall time in Slow Strong mode
FGPIO_OUT1
GPIO FOUT;
2.85 V  VDDD  5.5 V.
Fast Strong mode.
––
28
MHz
–
FGPIO_OUT2
GPIO FOUT;
2.85 V  VDDD  5.5 V.
Slow Strong mode.
6
FGPIO_IN
GPIO input operating
frequency;
2.85 V  VDDD  5.5 V.
28
Flash macro
FLASH_ERASE
Row erase time
–
–
15.5
ms
–
FLASH_WRITE
Row (block) write time
(erase and program)
20
FLASH_DR
Flash data retention
15
–
Years 25°C to 55°C,
all VDDD
FLASH_ENPB
Flash write endurance
100K
Cycles
25°C to 85°C,
all VDDD
FLASH_ENPB1
Flash write endurance
10K
25°C to 125°C,
all VDDD
FLASH_ROW_PGM
Row program time after erase
–
7
ms
–
TBULKERASE
Bulk erase time (32 KB)
35
TDEVPROG
Total device program time
7.5
secs
FRET1
Flash retention,
TA ≤ 55°C, 100k P/E cycles
15
–Years –
FRET2
Flash retention,
TA ≤ 85°C, 10k P/E cycles
10
FRET3
Flash retention,
TA ≤ 105°C, 10k P/E cycles
3
Table 5
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details / conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com