Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG CYPAS211 Datasheet HTML 20Page - Infineon Technologies AG CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG CYPAS211 Datasheet HTML 23Page - Infineon Technologies AG CYPAS211 Datasheet HTML 24Page - Infineon Technologies AG CYPAS211 Datasheet HTML 25Page - Infineon Technologies AG CYPAS211 Datasheet HTML 26Page - Infineon Technologies AG CYPAS211 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Datasheet
23
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Electrical specifications
VBUS regulator specifications
VOLTAGE_DETECT
Voltage detect threshold
voltage on VBUS_IN
1.65
2.1
2.4
V
–
TSTART
Total startup time for the
regulator supply outputs with
4.7-µF load capacitance
–50
200
μs
ADC DC specifications
Resolution
ADC resolution
–
8
–
bits
–
INL
Integral non linearity
–2.5
–
2.5
LSB
Reference voltage
generated from VDDD
INL
Integral non linearity
–1.5
–
1.5
Reference voltage
generated from
bandgap
VREF_ADC1
Reference voltage of ADC
VDDDmin
VDDDmax
V
Reference voltage
generated from VDDD
VREF_ADC2
1.96
2
2.04
Reference voltage
generated from
bandgap
VCONN switch specifications
VCONN_OUT
VCONN minimum output
voltagewith20mAloadcurrent
with Vbus = 5 V–30 V
4.5
–
–V
–
ILEAK
Connector side pin leakage
current
–10
µA
VCONN switch AC specifications
TON
Switch turn-on time
––
600
µs
–
TOFF
Switch turn-off time
10
Table 5
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details / conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com