Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 18Page - Infineon Technologies AG CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG CYPAS211 Datasheet HTML 20Page - Infineon Technologies AG CYPAS211 Datasheet HTML 21Page - Infineon Technologies AG CYPAS211 Datasheet HTML 22Page - Infineon Technologies AG CYPAS211 Datasheet HTML 23Page - Infineon Technologies AG CYPAS211 Datasheet HTML 24Page - Infineon Technologies AG CYPAS211 Datasheet HTML 25Page - Infineon Technologies AG CYPAS211 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Datasheet
22
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Electrical specifications
UVOV
VTHOV
Overvoltage threshold
accuracy, 4 V–30 V
–3
–
3
%–
VTHUV1
Undervoltage threshold
accuracy, 3 V–4 V
–4
4
VTHUV2
Undervoltage threshold
accuracy, 4 V–30 V
–3
3
VBUS gate driver DC specifications
GD_VGS
Gate to source overdrive during
ON condition
5
–
10
V
NFET driver is ON
GD_Rpd
Resistance when pull-down
enabled
–2
KΩ
Applicable on
VBUS_CTRL to
turn-off external
NFET
GD_drv
Programmable typical gate
current
0.3
9.75
µA
Gate driver output
current
VBUS gate driver AC specifications
TON
VBUS_ctrl LOW to HIGH
(1 V to VBUS + 1 V) with 3 nF
external capacitance
25
10
ms
VBUS_IN = 5 V
TOFF
VBUS_ctrl HIGH to LOW
(90% to 10%) with 3 nF external
capacitance
–7.5
–
µs
VBUS_IN = 28 V
VBUS discharge
R1
NMOS ON resistance for
DS = 1 on VBUS_IN
1000
–
4000
Ω
Measured at 0.5 V
R2
NMOS ON resistance for
DS = 2 on VBUS_IN
500
2000
R4
NMOS ON resistance for
DS = 4 on VBUS_IN
250
1000
R8
NMOS ON resistance for
DS = 8 on VBUS_IN
125
500
R16
NMOS ON resistance for
DS = 16 on VBUS_IN
62.5
250
R32
NMOS ON resistance for
DS = 32 on VBUS_IN
31.25
–
150
–
Measured at 0.5 V
Vbus_stop_error
Error percentage of final VBUS
value from setting
–10
%
When VBUS is
discharged to 5 V
R1A
NMOS ON resistance for
DS = 1 on VBUS_C
1000
2000
Ω
Measured at 0.5 V
R127A
NMOS ON resistance for
DS = 127 on VBUS_C
6.5
38
Voltage regulation DC specifications
VOUT
Typical VBUS_IN output voltage
range
3.3
–
28
V
–
VR
VBUS voltage regulation
accuracy
–
±3
±5
%
Ika_off
Off-state cathode current
2.2
10
µA
Table 5
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details / conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com