Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS211 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYPAS211 Datasheet HTML 1Page - Infineon Technologies AG CYPAS211 Datasheet HTML 2Page - Infineon Technologies AG CYPAS211 Datasheet HTML 3Page - Infineon Technologies AG CYPAS211 Datasheet HTML 4Page - Infineon Technologies AG CYPAS211 Datasheet HTML 5Page - Infineon Technologies AG CYPAS211 Datasheet HTML 6Page - Infineon Technologies AG CYPAS211 Datasheet HTML 7Page - Infineon Technologies AG CYPAS211 Datasheet HTML 8Page - Infineon Technologies AG CYPAS211 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-37216 Rev. *B
www.infineon.com
page 1
2023-10-10
CYPAS211
EZ-PD™ PAG2S-QZ integrated USB PD and
secondary-side QR-ZVS controller
General description
EZ-PD™ PAG2S-QZ CYPAS211 is an integrated secondary-side PWM controller and USB Power Delivery (USB PD)
controller, PAG2S-QZ integrates secondary side synchronous rectifier (SR), pulse-width modulator (PWM) and
zero voltage switching (ZVS) control. PAG2S-QZ is targeted towards USB-C power adapters; it fits well into
high-efficiency AC-DC flyback designs with USB PD, Qualcomm Quick Charge, and other standard charging
protocols. PAG2S-QZ CYPAS211 also supports USB PD Extended Power Range (EPR) mode.
Applications
• USB-C chargers and adapters
• USB-C chargers and adapters with EPR
• Power adapters supporting both USB PD and legacy charging
Features
• Integrated secondary-side flyback controller and charging port controller
• Integrates secondary side synchronous rectifier (SR), PWM control with ZVS support
• Supports synchronous rectification in quasi-resonant (QR) or critical conduction mode (CrCM), valley switching,
discontinuous conduction mode (DCM), and continuous conduction mode (CCM) and supports switching
frequency up to 300 kHz
• Supports burst mode for light load operations
• SR driver works with both standard MOSFET and logic level MOSFET
• USB PD 3.1 compliant with EPR support of up to 28V VBUS
• Supports USB PD 2.0, PD 3.0 with Programmable Power Supply (PPS), QC5.0, QC4+, QC 4.0, QC 3.0, QC 2.0,
Samsung AFC, Apple Charging, and BC v1.2 charging protocols
• Integrates low-side current sense amplifier (LSCSA), 2x VBUS discharge FETs, and an NFET gate driver to drive
the load switch and VCONN FETs to support EMCA cables
• Configurable VBUS overvoltage protection (OVP), undervoltage protection (UVP), overcurrent protection (OCP),
short-circuit protection (SCP), and system overtemperature protection (OTP)
• Protects against accidental VBUS to CC short; electrostatic discharge (ESD) protection on CC, VBUS, and DP/DM
lines and overvoltage on DP/DM lines
• Integrates a 32-bit Cortex®-M0+ with 64-KB flash, 8-KB SRAM, and 64-KB ROM
• 32-pin QFN package with –40°C to +150°C junction temperature range


Similar Part No. - CYPAS211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPAS212 INFINEON-CYPAS212 Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQ INFINEON-CYPAS212A1-32LQXQ Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQT INFINEON-CYPAS212A1-32LQXQT Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS213 INFINEON-CYPAS213 Datasheet
445Kb / 34P
EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
Rev. B
CYPAS213A1-24SXQ INFINEON-CYPAS213A1-24SXQ Datasheet
445Kb / 34P
EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
Rev. B
More results

Similar Description - CYPAS211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
logo
ON Semiconductor
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
logo
Infineon Technologies A...
CYPD7271 INFINEON-CYPD7271 Datasheet
428Kb / 48P
EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller
Rev. C 2022-10-19
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com