Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD0005 Datasheet (PDF) - Qorvo, Inc

QPD0005 Datasheet PDF - Qorvo, Inc
Part # QPD0005
Download  QPD0005 Download
File Size   1197.73 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor

QPD0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD0005 Datasheet PDF - Qorvo, Inc

Part # QPD0005
Download  QPD0005 Click to download

File Size   1197.73 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor

QPD0005 Datasheet (HTML) - Qorvo, Inc


QPD0005 Product details

Key Features
• Operating Frequency Range: 2.5 – 5.0 GHz
• Operating Drain Voltage: +48 V
• Maximum Output Power (PSAT): 8.7 W (1)
• Maximum Drain Efficiency: 72.9% (1)
• Efficiency-Tuned P3dB Gain: 18.8 dB (1)
• 4.5 x 4.0 mm DFN Package




Similar Part No. - QPD0005

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD0007 QORVO-QPD0007 Datasheet
1Mb / 15P
20 W, 48 V, DC – 5 GHz, GaN RF Transistor
Rev. C, May 2020
QPD0007EVB02 QORVO-QPD0007EVB02 Datasheet
1Mb / 15P
20 W, 48 V, DC – 5 GHz, GaN RF Transistor
Rev. C, May 2020
QPD0007TR13 QORVO-QPD0007TR13 Datasheet
1Mb / 15P
20 W, 48 V, DC – 5 GHz, GaN RF Transistor
Rev. C, May 2020
More results


Similar Description - QPD0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
GaN Wideband Transistor 48 V, 100 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
logo
WOLFSPEED, INC.
WST33H0NC WOLFSPEED-WST33H0NC Datasheet
1Mb / 16P
2.4-2.5 GHz, 300 W GaN Transistor
Rev. 0.0 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com