Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD0007 Datasheet (PDF) - Qorvo, Inc

QPD0007 Datasheet PDF - Qorvo, Inc
Part # QPD0007
Download  QPD0007 Download
File Size   1672.71 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 W, 48 V, DC – 5 GHz, GaN RF Transistor

QPD0007 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD0007 Datasheet PDF - Qorvo, Inc

Part # QPD0007
Download  QPD0007 Click to download

File Size   1672.71 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 W, 48 V, DC – 5 GHz, GaN RF Transistor

QPD0007 Datasheet (HTML) - Qorvo, Inc


QPD0007 Product details

Key Features
• Operating Frequency Range: DC – 5 GHz
• Operating Drain Voltage: +48 V
• Maximum Output Power (P3dB): 20 W (1)
• Maximum Drain Efficiency: 73% (1)
• Efficiency-Tuned Back off Gain: 19 dB (1)
• 4.5 x 4.0 mm DFN Package




Similar Part No. - QPD0007

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD0005 QORVO-QPD0005 Datasheet
1Mb / 15P
8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor
Rev. G, June 2021
QPD0005EVB01 QORVO-QPD0005EVB01 Datasheet
1Mb / 15P
8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor
Rev. G, June 2021
QPD0005SR QORVO-QPD0005SR Datasheet
1Mb / 15P
8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor
Rev. G, June 2021
QPD0005TR13 QORVO-QPD0005TR13 Datasheet
1Mb / 15P
8 W, 48 V, 2.5 – 5.0 GHz, GaN RF Transistor
Rev. G, June 2021
More results


Similar Description - QPD0007

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
TGF2978-SM QORVO-TGF2978-SM Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
DC ??25 GHz, 28 V, 14 W GaN RF Transistor
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com