Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet (PDF) - OSRAM GmbH

TCS3771 Datasheet PDF - OSRAM GmbH
Part # TCS3771
Download  TCS3771 Download
File Size   1522.62 Kbytes
Page   49 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color Light-To-Digital Converter with Proximity Sensing

TCS3771 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3771 Datasheet PDF - OSRAM GmbH

Part # TCS3771
Download  TCS3771 Click to download

File Size   1522.62 Kbytes
Page   49 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color Light-To-Digital Converter with Proximity Sensing

TCS3771 Datasheet (HTML) - OSRAM GmbH


TCS3771 Product details

Features
• RGB Color Sensing and Proximity Detection in a Single Device
• Color Light Sensing
• Programmable Analog Gain, Integration Time, and
Interrupt Function with Upper and Lower Thresholds
• Resolution Up to 16 bits
• Very High Sensitivity - Ideally Suited for Operation Behind
Dark Glass
• Up to 1,000,000:1 Dynamic Range
• Proximity Detection
• Programmable Number of IR Pulses, Current Sink for the
LED - No Limiting Resistor Needed, and Interrupt Function
with Upper and Lower Thresholds
• Covers a 2000:1 Dynamic Range
• Low Power Wait State
• 65μA Typical Current
• Wait Timer is Programmable from 2.4ms to > 7 seconds
• I2C Interface Compatible
• Up to 400kHz (I2
C Fast Mode)
• Dedicated Interrupt Pin
• Pin and Register Set Compatible with the TCS3x7x Family of
Devices
• Small 2mm × 2.4mm Dual Flat No-Lead Package
• Sleep Mode - 2.5μA Typical Current




Similar Part No. - TCS3771

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
The benefits and features of the TCS3771 are listed below
More results


Similar Description - TCS3771

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
Light-to-Digital Converter with Proximity Sensing
TCS37727 AMSCO-TCS37727 Datasheet
1Mb / 50P
Color Light?릘o?륞igital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
Light-to-Digital Converter with Proximity Sensing
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com