Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 5Page - OSRAM GmbH TCS3771 Datasheet HTML 6Page - OSRAM GmbH TCS3771 Datasheet HTML 7Page - OSRAM GmbH TCS3771 Datasheet HTML 8Page - OSRAM GmbH TCS3771 Datasheet HTML 9Page - OSRAM GmbH TCS3771 Datasheet HTML 10Page - OSRAM GmbH TCS3771 Datasheet HTML 11Page - OSRAM GmbH TCS3771 Datasheet HTML 12Page - OSRAM GmbH TCS3771 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
T C S3771 − Electrical Characteristics
Figure 8:
Optical Characteristics, VDD = 3V, TA = 25°C, Gain = 16, ATIME = 0xF6 (unless otherwise noted)
(1)
Note(s):
1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
dominant wavelength λD = 465nm, spectral halfwidth Δλ½ = 22nm, and luminous efficacy = 75lm/W.
3. The 525nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
dominant wavelength λD = 525nm, spectral halfwidth Δλ½ = 35nm, and luminous efficacy = 520lm/W.
4. The 625nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics:
dominant wavelength λD = 625nm, spectral halfwidth Δλ½ = 9nm, and luminous efficacy = 155lm/W.
Parameter
Test
Conditions
Red Channel
Green Channel
Blue Channel
Clear Channel
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Re
Irradiance
responsivity
λD = 465nm,
(2)
0%
15%
10%
42%
65%
88%
19.2
24
28.8
Counts/
(μW/cm2
)
λD = 525nm,
(3)
6%
25%
60%
85%
9%
35%
22.4
28
33.6
λD = 625nm,
(4)
85%
110%
0%
15%
5%
25%
27.2
34
40.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com