Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 6Page - OSRAM GmbH TCS3771 Datasheet HTML 7Page - OSRAM GmbH TCS3771 Datasheet HTML 8Page - OSRAM GmbH TCS3771 Datasheet HTML 9Page - OSRAM GmbH TCS3771 Datasheet HTML 10Page - OSRAM GmbH TCS3771 Datasheet HTML 11Page - OSRAM GmbH TCS3771 Datasheet HTML 12Page - OSRAM GmbH TCS3771 Datasheet HTML 13Page - OSRAM GmbH TCS3771 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ams Datasheet
Page 9
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Electrical Characteristics
Figure 9:
RGBC Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16, AEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
Dark ADC count
value
Ee = 0, AGAIN = 60×, ATIME = 0xD6 (100ms)
0
1
5
Counts
ADC integration time
step size
ATIME = 0xFF
2.27
2.4
2.56
ms
ADC number of
integration steps
1256
Steps
ADC counts per step
0
1024
Counts
ADC count value
ATIME = 0xC0 (153.6ms)
0
65535
Counts
Gain scaling, relative
to 1× gain setting
4×
3.8
4
4.2
%
16×
15
16
16.8
60×
58
60
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com