Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 23Page - OSRAM GmbH TCS3771 Datasheet HTML 24Page - OSRAM GmbH TCS3771 Datasheet HTML 25Page - OSRAM GmbH TCS3771 Datasheet HTML 26Page - OSRAM GmbH TCS3771 Datasheet HTML 27Page - OSRAM GmbH TCS3771 Datasheet HTML 28Page - OSRAM GmbH TCS3771 Datasheet HTML 29Page - OSRAM GmbH TCS3771 Datasheet HTML 30Page - OSRAM GmbH TCS3771 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Principles of Operation
Command Register
The Command Registers specifies the address of the target
register for future write and read operations.
Figure 29:
Command Register
7
6
5
432
10
COMMAND
TYPE
ADD
Field
Bits
Description
COMMAND
7
Select Command Register. Must write as 1 when addressing Command Register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
Field Value
Integration Time
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved - Do not use
11
Special function - See description below
Byte protocol will repeatedly read the same register with each data access. Block
protocol will provide auto-increment function to read successive bytes.
ADD
4:0
Address field/special function field. Depending on the transaction type, see above,
this field either specifies a special function command or selects the specific
control-status-register for following write and read transactions. The field values
listed below apply only to special function commands:
Field Value
Read Value
00000
Normal - no action
00101
Proximity interrupt clear
00110
RGBC interrupt clear
00111
Proximity and RGBC interrupt clear
other
Reserved — Do not write
RGBC/Proximity Interrupt Clear. Clears any pending RGBC/Proximity interrupt. This
special function is self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com