Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 34Page - OSRAM GmbH TCS3771 Datasheet HTML 35Page - OSRAM GmbH TCS3771 Datasheet HTML 36Page - OSRAM GmbH TCS3771 Datasheet HTML 37Page - OSRAM GmbH TCS3771 Datasheet HTML 38Page - OSRAM GmbH TCS3771 Datasheet HTML 39Page - OSRAM GmbH TCS3771 Datasheet HTML 40Page - OSRAM GmbH TCS3771 Datasheet HTML 41Page - OSRAM GmbH TCS3771 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
ams Datasheet
Page 37
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Application Information
LED Driver Pin with Proximity Detection
In a proximity sensing system, the IR LED can be pulsed by the
TCS3771 with more than 100mA of rapidly switching current,
therefore, a few design considerations must be kept in mind to
get the best performance. The key goal is to reduce the power
supply noise coupled back into the device during the LED
pulses.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LED, the key goal can be meet. Place a 1μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LED anode, and a 22μF capacitor at the output
of the LED voltage regulator to supply the 100mA current surge.
Figure 44:
Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22Ω resistor in
series with the VDD supply line and a 1μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Figure 45:
Proximity Sensing Using Single Power Supply
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com