Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 26Page - OSRAM GmbH TCS3771 Datasheet HTML 27Page - OSRAM GmbH TCS3771 Datasheet HTML 28Page - OSRAM GmbH TCS3771 Datasheet HTML 29Page - OSRAM GmbH TCS3771 Datasheet HTML 30Page - OSRAM GmbH TCS3771 Datasheet HTML 31Page - OSRAM GmbH TCS3771 Datasheet HTML 32Page - OSRAM GmbH TCS3771 Datasheet HTML 33Page - OSRAM GmbH TCS3771 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
ams Datasheet
Page 29
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Principles of Operation
Wait Time Register (0x03)
Wait time is set 2.4ms increments unless the WLONG bit is
asserted in which case the wait times are 12× longer. WTIME is
programmed as a 2’s complement number.
Figure 33:
Wait Time Register
RGBC Interrupt Threshold Registers
(0x04 − 0x07)
The RGBC Interrupt Threshold Registers provides the values to
be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by the
clear channel crosses below the lower threshold specified, or
above the higher threshold, an interrupt is asserted on the
interrupt pin.
Figure 34:
RGBC Interrupt Threshold Registers
Field
Bits
Description
WTIME
7:0
Register Value
Wait Time
Time
(WLONG = 0)
Time
(WLONG = 1)
0xFF
1
2.4ms
0.029 sec
0xAB
85
204ms
2.45 sec
0x00
256
614ms
7.4 sec
Register
Address
Bits
Description
AILTL
0x04
7:0
RGBC clear channel low threshold lower byte
AILTH
0x05
7:0
RGBC clear channel low threshold upper byte
AIHTL
0x06
7:0
RGBC clear channel high threshold lower byte
AIHTH
0x07
7:0
RGBC clear channel high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com