Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 17Page - OSRAM GmbH TCS3771 Datasheet HTML 18Page - OSRAM GmbH TCS3771 Datasheet HTML 19Page - OSRAM GmbH TCS3771 Datasheet HTML 20Page - OSRAM GmbH TCS3771 Datasheet HTML 21Page - OSRAM GmbH TCS3771 Datasheet HTML 22Page - OSRAM GmbH TCS3771 Datasheet HTML 23Page - OSRAM GmbH TCS3771 Datasheet HTML 24Page - OSRAM GmbH TCS3771 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Principles of Operation
The combination of LED power and number of pulses can be
used to control the distance at which the sensor can detect
proximity. Figure 24 shows an example of the distances covered
with settings such that each curve covers 2× the distance.
Counts up to 64 pulses provide a 16× range.
Figure 24:
Proximity ADC Count vs. Relative Distance
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity or
proximity values outside of a user-defined range. While the
interrupt function is always enabled and it’s status is available
in the status register (0x13), the output of the interrupt state
can be enabled using the proximity interrupt enable (PIEN) or
RGBC interrupt enable (AIEN) fields in the Enable Register
(0x00).
Four 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level and proximity
range. An interrupt can be generated when the RGBC Clear data
(CDATA) falls outside of the desired light level range, as
determined by the values in the RGBC interrupt low threshold
registers (AILTx) and RGBC interrupt high threshold registers
(AIHTx). Likewise, an out-of-range proximity interrupt can be
generated when the proximity data (PDATA) falls below the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com